Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830MSP Datasheet(PDF) 14 Page - STMicroelectronics

Part # VND830MSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VND830MSP Datasheet HTML 10Page - STMicroelectronics VND830MSP Datasheet HTML 11Page - STMicroelectronics VND830MSP Datasheet HTML 12Page - STMicroelectronics VND830MSP Datasheet HTML 13Page - STMicroelectronics VND830MSP Datasheet HTML 14Page - STMicroelectronics VND830MSP Datasheet HTML 15Page - STMicroelectronics VND830MSP Datasheet HTML 16Page - STMicroelectronics VND830MSP Datasheet HTML 17Page - STMicroelectronics VND830MSP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Electrical specifications
VND830MSP
14/27
Doc ID 7379 Rev 5
Figure 13.
ILIM vs Tcase
Figure 14.
On-state resistance vs VCC
Figure 15.
Input high level
Figure 16.
Input hysteresis voltage
Figure 17.
On-state resistance vs Tcase
Figure 18.
Input low level
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
2
4
6
8
10
12
14
16
18
20
Ilim (A)
Vcc=13V
5
10
15
2025303540
Vcc (V)
0
10
20
30
40
50
60
70
80
90
100
110
120
Ron (mOhm)
Iout=5A
Tc= - 40°C
Tc=25°C
Tc=150°C
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
20
40
60
80
100
120
140
160
Ron (mOhm)
Iout=2A
Vcc=8V; 13V & 36V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vil (V)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com