Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND830MSP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VND830MSP
Description  Double channel high-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830MSP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND830MSP Datasheet HTML 7Page - STMicroelectronics VND830MSP Datasheet HTML 8Page - STMicroelectronics VND830MSP Datasheet HTML 9Page - STMicroelectronics VND830MSP Datasheet HTML 10Page - STMicroelectronics VND830MSP Datasheet HTML 11Page - STMicroelectronics VND830MSP Datasheet HTML 12Page - STMicroelectronics VND830MSP Datasheet HTML 13Page - STMicroelectronics VND830MSP Datasheet HTML 14Page - STMicroelectronics VND830MSP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
VND830MSP
Electrical specifications
Doc ID 7379 Rev 5
11/27
Table 12.
Truth table
Conditions
Input
Output
Status
Normal operation
L
H
L
H
H
H
Current limitation
L
H
H
L
X
X
H
(Tj < TTSD) H
(Tj > TTSD) L
Overtemperature
L
H
L
L
H
L
Undervoltage
L
H
L
L
X
X
Overvoltage
L
H
L
L
H
H
Output voltage > VOL
L
H
H
H
L
H
Output current < IOL
L
H
L
H
H
L
Table 13.
Electrical transient requirements
ISO T/R
7637/1
Test pulse
Test level
I
II
III
IV
Delays and impedance
1
- 25V(1)
1.
All functions of the device are performed as designed after exposure to disturbance.
- 50V(1)
- 75V(1)
- 100V(1)
2ms, 10
Ω
2+ 25V(1)
+ 50V(1)
+ 75V(1)
+ 100V(1)
0.2ms, 10
Ω
3a
- 25V(1)
- 50V(1)
- 100V(1)
- 150V(1)
0.1µs, 50
Ω
3b
+ 25V(1)
+ 50V(1)
+ 75V(1)
+ 100V(1)
0.1µs, 50
Ω
4- 4V(1)
- 5V(1)
- 6V(1)
- 7V(1)
100ms, 0.01
Ω
5
+ 26.5V(1)
+ 46.5V(2)
2.
One or more functions of the device is not performed as designed after exposure and cannot be returned to
proper operation without replacing the device.
+ 66.5V(2)
+ 86.5V(2)
400ms, 2
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com