Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6390
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6390 Datasheet HTML 7Page - STMicroelectronics L6390 Datasheet HTML 8Page - STMicroelectronics L6390 Datasheet HTML 9Page - STMicroelectronics L6390 Datasheet HTML 10Page - STMicroelectronics L6390 Datasheet HTML 11Page - STMicroelectronics L6390 Datasheet HTML 12Page - STMicroelectronics L6390 Datasheet HTML 13Page - STMicroelectronics L6390 Datasheet HTML 14Page - STMicroelectronics L6390 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID14493 Rev 11
11/25
L6390
Electrical characteristics
25
Table 7. Op amp characteristics(1) (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vio
6, 9
Input offset voltage
Vic = 0 V, Vo = 7.5 V
-
-
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
-
4
40
nA
Iib
Input bias current(2)
-
100
200
nA
Vicm
Input common mode voltage
range
-
0-
VCC-4
V
VOPOUT
7
Output voltage swing
OPOUT = OP-; no load
0.07
-
VCC-4
V
Io
Output short-circuit current
Source, Vid = +1; Vo = 0 V
16
30
-
mA
Sink,Vid = -1; Vo = VCC
50
80
-
mA
SR
-
Slew rate
Vi = 1  4 V; CL = 100 pF;
unity gain
2.5
3.8
-
V/
s
GBWP
-
Gain bandwidth product
Vo = 7.5 V
8
12
-
MHz
Avd
-
Large signal voltage gain
RL = 2 k
70
85
-
dB
SVR
-
Supply voltage rejection ratio vs. VCC
60
75
-
dB
CMRR
-
Common mode rejection
ratio
-55
70
-
dB
1. The operational amplifier is disabled when VCC is in UVLO condition.
2. Input bias current flows out the IC leads.
Table 8. Sense comparator characteristics(1) (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Iib
10
Input bias current
VCP+ = 1 V
-
-
1
A
VOL
2
Open drain low level output
voltage
IOD = - 3 mA
-
-
0.5
V
RON_OD
2
Open drain ON resistor
-
-
125
167
td_comp
-
Comparator delay
SD/OD pulled to 5 V
through 100 k
 resistor
-
90
130
ns
SR
2
Slew rate
CL = 180 pF; Rpu = 5 k
-60
-
V/
s
1. The comparator is disabled when VCC is in UVLO condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com