Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6390
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6390 Datasheet HTML 15Page - STMicroelectronics L6390 Datasheet HTML 16Page - STMicroelectronics L6390 Datasheet HTML 17Page - STMicroelectronics L6390 Datasheet HTML 18Page - STMicroelectronics L6390 Datasheet HTML 19Page - STMicroelectronics L6390 Datasheet HTML 20Page - STMicroelectronics L6390 Datasheet HTML 21Page - STMicroelectronics L6390 Datasheet HTML 22Page - STMicroelectronics L6390 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID14493 Rev 11
19/25
L6390
Bootstrap driver
25
9
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is normally
accomplished by a high voltage fast recovery diode (Figure 11.a). In the L6390 device
a patented integrated structure replaces the external diode. It is realized by a high voltage
DMOS, driven synchronously with the low-side driver (LVG), with a diode in series, as
shown in Figure 11.b. An internal charge pump (Figure 11.b) provides the DMOS driving
voltage.
CBOOT selection and charging
To choose the proper CBOOT value the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss.
It must be:
Equation 2
CBOOT >>> CEXT
E.g.: if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop would be
300 mV.
If HVG must be supplied for a long time, the CBOOT selection must also take the leakage and
quiescent losses into account.
E.g.: HVG steady-state consumption is lower than 240
A, so if HVG TON is 5 ms, CBOOT
must supply 1.2
C to CEXT. This charge on a 1 F capacitor means a voltage drop of 1.2 V.
The internal bootstrap driver offers important advantages: the external fast recovery diode
can be avoided (it usually has a high leakage current).
This structure can work only if VOUT is close to GND (or lower) and, at the same time, the
LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions are
fulfilled and it must be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDSon (typical value:
120
). This drop can be neglected at low switching frequency, but it should be taken into
account when operating at high switching frequency.
CEXT
Qgate
Vgate
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com