Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6390 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6390
Description  High voltage high/low-side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6390 Datasheet HTML 16Page - STMicroelectronics L6390 Datasheet HTML 17Page - STMicroelectronics L6390 Datasheet HTML 18Page - STMicroelectronics L6390 Datasheet HTML 19Page - STMicroelectronics L6390 Datasheet HTML 20Page - STMicroelectronics L6390 Datasheet HTML 21Page - STMicroelectronics L6390 Datasheet HTML 22Page - STMicroelectronics L6390 Datasheet HTML 23Page - STMicroelectronics L6390 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Bootstrap driver
L6390
20/25
DocID14493 Rev 11
The following equation is useful to compute the drop on the bootstrap DMOS:
Equation 3
where Qgate is the gate charge of the external power MOSFET, Rdson is the on-resistance of
the bootstrap DMOS and Tcharge is the charging time of the bootstrap capacitor.
For example: using a power MOSFET with a total gate charge of 30 nC, the drop on the
bootstrap DMOS is about 1 V, if the Tcharge is 5 s. In fact:
Equation 4
Vdrop should be taken into account when the voltage drop on CBOOT is calculated: if this drop
is too high, or the circuit topology doesn’t allow a sufficient charging time, an external diode
can be used.
Figure 11. Bootstrap driver
Vdrop
Ich e
arg Rdson
Vdrop
Qgate
Tch e
arg
------------------Rdson
==
Vdrop
30nC
5
s
--------------- 120
 0.7V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com