Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # DPS310
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 2Page - Infineon Technologies AG DPS310 Datasheet HTML 3Page - Infineon Technologies AG DPS310 Datasheet HTML 4Page - Infineon Technologies AG DPS310 Datasheet HTML 5Page - Infineon Technologies AG DPS310 Datasheet HTML 6Page - Infineon Technologies AG DPS310 Datasheet HTML 7Page - Infineon Technologies AG DPS310 Datasheet HTML 8Page - Infineon Technologies AG DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Board Schematic (XMC2Go related)
6
11/2/2022
Copyright © Infineon Technologies AG 2022. All rights reserved.
The Infineon DC-DC converter transforms the 5 V of the
Micro-USB to 3.3 V for the MCU, Debugger and
Peripherals circuits
The green PWR LED indicates a proper power supply for
the Kit2GO
The 2 green User-LEDs (LED1 -> P1.0 and LED2 ->P1.1)
might be configured separately by pulling-up the according
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com