Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # DPS310
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
2
27.01.2022
10:42:22
Date:
Sheet
of
Time:
Author:
DPS368.SchDoc
V1.0
Title
Size:
Rev.
A3
Document Name
DPS368-PS2GO-Kit
Rel.
Variant
DPS368-PS2GO-Kit
[No Variations]
Approved <Appr.>
SVN Revision: 6a271a99e872f0dfdcd6241b5def4c317334634c
SCL
SDA
I2C
I2C_SDA
I2C_SCL
INT/GPIO3
CS_N
MISO
MOSI
SCK
SPI
SPI_MISO
SPI_MOSI
SPI_CS_N
SPI_SCK
INT/GPIO3
Default Mode (ZERO Ohm resistors 11,12,13,14 are soldered) - I²C with Interrupt
(Optional)
Secondary Mode (ZERO Ohm resistors 21,22,23,24 are soldered) - SPI 4 Wire
J1 Jumper - Can be soldered to enable the pull-down resistor on the interrupt pin (this
will also change the address of the sensor from 0x77 to 0x76)
J2 Jumper - Can be soldered to connect the INT/GPIO3 pin
Solder Jumper 2 Pins
1
2
J1
100k/50V/1%
R4
10k/50V/1%
R28
10k/50V/1%
R29
10k/50V/1%
R3
SDI
SCK
SDO
CSB_N
I2C_SDA
I2C_SCL
SPI_MISO
SPI_SCK
SPI_CS_N
INT/GPIO3
Power Supply Decoupling
SPI_MOSI
0R/150V/5%
R21
0R/150V/5%
R12
0R/150V/5%
R13
0R/150V/5%
R14
0R/150V/5%
R22
0R/150V/5%
R23
0R/150V/5%
R24
0R/150V/5%
R11
+3V3
+3V3
+3V3
SPI
I2C
Solder Jumper 2 Pins
1
2
J2
Connection Ports
SPI/I²C Selection Circuit
DPS368
Shield2Go Head
1
2
3
4
8
7
6
5
S2G_2A
SDI
SCK
SDO
CSB_N
VDDIO
VDD
Modular_S2G1_Pinout
P0.6
P0.7
P0.8
P0.9
P2.10
P2.11
INT/GPIO3
SCL
SDA
I2C
I2C
CS_N
MISO
MOSI
SCK
SPI
SPI
P2.10
P2.11
P0.0
P0.9
P0.8
P0.7
P0.6
GND
GND
GND
VDDIO
VDD
GND
1
CSB_N
2
VDD
8
GND
7
SDI
3
VDDIO
6
SCK
4
SDO
5
DPS368
DPS368
C4
100nF
C5
100nF
CSB_N
SDI
GND
SCK
SDO
GND
+3V3
+3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com