Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS310 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # DPS310
Description  Pressure Sensor 2Go Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS310 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button DPS310 Datasheet HTML 9Page - Infineon Technologies AG DPS310 Datasheet HTML 10Page - Infineon Technologies AG DPS310 Datasheet HTML 11Page - Infineon Technologies AG DPS310 Datasheet HTML 12Page - Infineon Technologies AG DPS310 Datasheet HTML 13Page - Infineon Technologies AG DPS310 Datasheet HTML 14Page - Infineon Technologies AG DPS310 Datasheet HTML 15Page - Infineon Technologies AG DPS310 Datasheet HTML 16Page - Infineon Technologies AG DPS310 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
2
27.01.2022
10:42:22
Date:
Sheet
of
Time:
Author:
XMC1100.SchDoc
V1.0
Title
Size:
Rev.
A3
Document Name
DPS368-PS2GO-Kit
Rel.
Variant
DPS368-PS2GO-Kit
[No Variations]
Approved <Appr.>
SVN Revision: 6a271a99e872f0dfdcd6241b5def4c317334634c
On-board Debugger including a UART to USB Bridge
Configure wiggler-P0.5 as USIC_Tx but only active while X-spy function is selected
Configure wiggler-P0.4 as USIC_Rx but only active while X-spy function is selected
SCLKOUT-P1.1
DX0B-P1.4
SPI Slave
SWD_OUT
SWCLK
MOSI
CLK_OUT
MISO
CS_IN
CLK_IN
CS_OUT
SPI Master
U0C0
U0C1
DOUT0-P1.5
SELO0-P1.0
DX2A-P2.3
DX1A-P2.4
RXD
TXD
UART2 (DM2)
RXD
TXD
DX0A-P0.4
DOUT0-P0.5
U1C0
TXACTIVE#
GPIO-P0.6
RESET#
GPIO-P0.3
DEBUG_LED#
DEBUG_LED#
GPIO-P0.2
TX_ENABLE
GPIO-P0.7
SWD DIR
GPIO-P1.3
SWD_IN
ADC
AIN
P14.9
PULL Select
GPIO-P0.8
AUX_LED#
GPIO-P0.1
UART
SPD
No RESET Pin
Level Shifter
COM LED
SWV
JTAG
Power Supply
Power Supply : 200-299
Debugging Device : 100-199
Target Device : 1-99
Debug Connection Concept
LEDs
PinHeader XMC1100
Target Device (XMC1100)
XMC 2Go Kit
XMC1100 in VQFN24
For further information and software examples please visit www.infineon.com/xmc-dev
R105
33R/0402
R106
33R/0402
R109
10k/0402
R107
1M/0402
C101
100nF/0402
C1
100nF/0402
R101
680R/0402
1
2
Q101
NX3225_2
EN
4
IN
1
OUT
3
IC201
IFX54211 MBV33
LED2
LED RT/0603
1
2
3
4
5
SV1
PINHD 1x5 0,05" TH
HIB_IO_0
7
P0.0
2
P0.1
1
P0.2
48
P0.3
47
P0.4
46
P0.5
45
P0.6
44
P0.7
43
P0.8
42
P1.0
40
P1.1
39
P1.2
38
P1.3
37
P1.4
36
P1.5
35
P2.0
26
P2.1
25
P2.2
24
P2.3
23
P2.4
22
P2.5
21
P14.0
16
P14.3
15
P14.4
14
P14.5
13
P14.6
12
P14.7
11
P14.8
20
P14.9
19
PORST#
32
RTC_XTAL_1
8
RTC_XTAL_2
9
TCK
34
TMS
33
USB_D+
4
USB_D-
3
VAGND
17
VAREF
18
VBAT
10
VDDC
6
VDDC1
31
VDDP
5
VDDP1
28
VDDP2
41
VSS
27
XTAL1
29
XTAL2
30
USB
Supply
Analog
Digital
Hibernate/RTC
IC101
XMC4200_QFN48
LED1
LED RT/0603
R103
100R/0402
R104
100R/0402
R102
100R/0402
P0.0
15
P1.0
14
P1.1
13
P0.5
16
P0.6
17
P0.7
18
P0.8
19
P0.9
20
P0.12
21
P0.13
22
P0.14
23
P0.15
24
P2.0
1
P2.1
2
P2.6
4
P2.2
3
P2.8
5
P2.9
6
P2.10
7
P2.11
8
P1.2
12
P1.3
11
VSS
9
VDD
10
EXP
EXP
Supply
IC1
XMC1100_VQFN24
C2
100nF/0402
R108
510R/0402
1
2
3
4
5
X101A
X101B
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or
characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties
and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights
of any third party.
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
+5V
+3V3
+3V3
+3V3
GND
GND
GND
GND
+3V3
+3V3
+5V
GND
+3V3
GND
GND
+3V3
WVDDC
WUSB_DM
WUSB_DP
DEBUG_LED#
USBVCC
Q200
P0.0
P0.0
P0.6
P0.6
P0.7
P0.7
P0.8
P0.8
P0.9
P0.9
P0.12
P0.13
P2.0
P2.0
P2.6
P2.6
P2.9
P2.9
P2.10
P2.10
P2.11
P2.11
P0.5
P0.5
TX_XMC4200
TX_XMC4200
RX_XMC4200
RX_XMC4200
P2.7/P2.8
P2.7/P2.8
DBG_RESET
DBG_TCK
DBG_TMS
SWCLK
SWCLK
P1.0/LED1
P1.0/LED1
P1.1/LED2
P1.1/LED2
P1.2/SWCLK
P1.2/SWCLK
P0.15
P0.15
P0.14
P0.14
P1.3/SWD
P1.3/SWD
P2.6[0..0],P2.0[0..0],P0.15/SWCLK[0..0],P0.14/SWD[0..0],P0.9[0..0],P0.8[0..0],P0.7[0..0],P0.6[0..0],P0.5[0..0],P0.0[0..0],P2.11[0..0],P2.10[0..0],P2.9[0..0],P2.7/P2.8[0..0]
P2.10
P2.10
P2.11
P2.11
P0.0
INT/GPIO3
P0.6
P0.7
P0.8
P0.9
P0.9
P0.8
P0.7
P0.6
P2.7/P2.8
1
P2.9
2
P2.10
3
P2.11
4
GND
5
+3V3
6
P0.0
7
P0.5
8
P2.6
16
P2.0
15
P0.15
14
P0.14
13
P0.9
12
P0.8
11
P0.7
10
P0.6
9
ACTIVE
X1
PinHeader XMC1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com