Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX-PCIE Datasheet(PDF) 13 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 13 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 9Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 10Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 11Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 12Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 13Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 14Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 15Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 16Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 17Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
USB Front Connectors
The SCX-PCIE is equipped with three front panel receptacles for USB 3.0 (3.1 Gen1) or USB 2.0
Type-A cable connectors (USB root hub). The middle and lower front connectors are wired to an
on-board dual-port SuperSpeed xHCI controller TUSB7320, while the upper receptacle is tied to
the CPU carrier card PCH via the mezzanine connector HSE1. Hence, only the upper USB connector
is initialized during POST and can be used for BIOS setup (keyboard) or together with a boot
device, whereas the middle and lower connectors will be enabled not until the operating system
takes over control.
USB • 3 x Type-A USB 3.0 (3.1 Gen1)
USB 3.0 upright (90° side) receptacles
1V
BUS +5V, 1.5A max
1)
2
USB D-
3
USB D+
4
GND
5
SS RX-
6
SS RX+
7
GND
8
SS TX-
9
SS TX+
1)
+5V via 1.5A current-limited electronic power switches. Power rail may be switched off by software independently
for the middle and lower USB connectors (upper port permanently enabled). The maximum available current for all
USB connectors is 3A in total.
Each SCX-PCIE USB connector provides +5V (V
BUS) for powering external devices. Electronic switches
limit the maximum output current of each individual USB connector to a safe level. For rugged
applications EKF offers custom specific USB cable connector retainer solutions (similar picture
below).
1
4
5
9
270.23.09.3
© EKF • ekf.com
© EKF
-13-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com