Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX-PCIE Datasheet(PDF) 17 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 17 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 13Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 14Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 15Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 16Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 17Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 18Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 19Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 20Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 21Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
M1 • NVMe PCIe x4 or SATA
M.2 M-Key continued • Pin 39 - 75
GND
39
40
SMB_CLK *
PETN0 (SATA B+)
41
42
SMB_DATA *
PETP0 (SATA B-)
43
44
ALERT *
GND
45
46
NC
PERN0 (SATA A-)
47
48
NC
PERP0 (SATA A+)
49
50
PERST#
GND
51
52
CLKREQ#
REFCLKN
53
54
PEWAKE#
REFCLKP
55
56
RSV
GND
57
58
RSV
M-Key
59
60
M-Key
M-Key
61
62
M-Key
M-Key
63
64
M-Key
M-Key
65
66
M-Key
NC
67
68
SUSCLK
PEDET **
69
70
+3.3V
GND
71
72
+3.3V
GND
73
74
+3.3V
GND
75
* Logic level 1.8V signals - LSF0204 level shifter to 3.3V on-board
** Signal used to switch between PCIe® and SATA mode
PCI Express® M.2 Specification Socket 3 PCIe-based Module Pinout (Module Key M)
© EKF
-17-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com