Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX-PCIE Datasheet(PDF) 24 Page - Elma Electronic Ltd

Part # SCX-PCIE
Description  Secondary CompactPCI® Serial Backplane System Slot Controller Bus Coupler
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SCX-PCIE Datasheet(HTML) 24 Page - Elma Electronic Ltd

Back Button SCX-PCIE Datasheet HTML 20Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 21Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 22Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 23Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 24Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 25Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 26Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 27Page - Elma Electronic Ltd SCX-PCIE Datasheet HTML 28Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Product Information • SCX-PCIE • Secondary Backplane Controller
P2 CompactPCI® Serial Peripheral Slot Backplane Connector Type B
EKF Part #250.3.1208.20.00 • 96 pos. 12x8, 16mm Width
P2
A
B
C
D
E
F
G
H
I
J
K
L
8
GND
IO
IO
GND
2
USB2+
2
USB2-
GND
3
USB2+
3
USB2-
GND
4
USB2+
4
USB2-
7
IO
IO
GND
IO
IO
GND
IO
IO
GND
IO
IO
GND
6
GND
2
PE
TX06+
2
PE
TX06-
GND
2
PE
RX06+
2
PE
RX06-
GND
2
PE
TX07+
2
PE
TX07-
GND
2
PE
RX07+
2
PE
RX03-
5
2
PE
TX04+
2
PE
TX04-
GND
2
PE
RX04+
2
PE
RX04-
GND
2
PE
TX05+
2
PE
TX05-
GND
2
PE
RX05+
2
PE
RX05-
GND
4
GND
2
PE
TX02+
2
PE
TX02-
GND
2
PE
RX02+
2
PE
RX02-
GND
2
PE
TX03+
2
PE
TX03-
GND
2
PE
RX03+
2
PE
RX03-
3
2
PE
TX00+
2
PE
TX00-
GND
2
PE
RX00+
2
PE
RX00-
GND
2
PE
TX01+
2
PE
TX01-
GND
2
PE
RX01+
2
PE
RX01-
GND
2
GND
1
PE
TX06+
1
PE
TX06-
GND
1
PE
RX06+
1
PE
RX06-
GND
1
PE
TX07+
1
PE
TX07-
GND
1
PE
RX07+
1
PE
RX07-
1
1
PE
TX04+
1
PE
TX04-
GND
1
PE
RX04+
1
PE
RX04-
GND
1
PE
TX05+
1
PE
TX05-
GND
1
PE
RX05+
1
PE
RX05-
GND
pin positions printed gray: not connected
© EKF
-24-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com