Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW51 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW51
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW51 Datasheet HTML 1Page - STMicroelectronics BYW51 Datasheet HTML 2Page - STMicroelectronics BYW51 Datasheet HTML 3Page - STMicroelectronics BYW51 Datasheet HTML 4Page - STMicroelectronics BYW51 Datasheet HTML 5Page - STMicroelectronics BYW51 Datasheet HTML 6Page - STMicroelectronics BYW51 Datasheet HTML 7Page - STMicroelectronics BYW51 Datasheet HTML 8Page - STMicroelectronics BYW51 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
3/9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
IM(A)
P=5W
P=15W
P=10W
δ
T
δ=tp/T
tp
Fig. 2: Peak current versus form factor (per diode).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Fig. 3-1: Average forward current versus ambient
temperature (
δ = 0.5, D2PAK, TO-220AB).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
t(s)
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
IM
t
δ=0.5
Fig. 4-1: Non repetitive surge peak forward current
versus overload duration (D
2PAK, TO-220AB)
0
1
2
3
4
5
6
7
8
9
10 11 12 13
0
2
4
6
8
10
12
14
IF(av) (A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
t(s)
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
IM
t
δ=0.5
Fig. 4-2: Non repetitive surge peak forward current
versus overload duration (ISOWATT220AB).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
ISOWATT220AB
TO-220FP
T
δ=tp/T
tp
Fig.
3-2:
Average
forward
current
versus
ambient temperature (
δ = 0.5, ISOWATT220AB,
TO-220FPAB).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com