Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW51 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW51
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51 Datasheet(HTML) 4 Page - STMicroelectronics

  BYW51 Datasheet HTML 1Page - STMicroelectronics BYW51 Datasheet HTML 2Page - STMicroelectronics BYW51 Datasheet HTML 3Page - STMicroelectronics BYW51 Datasheet HTML 4Page - STMicroelectronics BYW51 Datasheet HTML 5Page - STMicroelectronics BYW51 Datasheet HTML 6Page - STMicroelectronics BYW51 Datasheet HTML 7Page - STMicroelectronics BYW51 Datasheet HTML 8Page - STMicroelectronics BYW51 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
4/9
1E-3
1E-2
1E-1
1E+0
0.1
1.0
t(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 5-1: Relative variation of thermal impedance
junction to case versus pulse duration (D
2PAK,
TO-220AB).
1E-2
1E-1
1E+0
1E+1
0.1
1.0
t(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 5-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(ISOWATT220AB, TO-220FPAB).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=125°C
Tj=25°C
Fig. 6: Forward voltage drop versus forward
current (maximum values, per diode).
1
10
100
200
10
20
50
100
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values, per diode).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
t(s)
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
IM
t
δ=0.5
Fig. 4-3: Non repetitive surge peak forward current
versus overload duration (TO-220FPAB).
10
20
50
100
200
500
10
20
50
100
200
500
dIF/dt(A/µs)
Qrr(nC)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 8: Reverse recovery charges versus dIF/dt
(per diode).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com