Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW51 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYW51
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW51 Datasheet(HTML) 5 Page - STMicroelectronics

  BYW51 Datasheet HTML 1Page - STMicroelectronics BYW51 Datasheet HTML 2Page - STMicroelectronics BYW51 Datasheet HTML 3Page - STMicroelectronics BYW51 Datasheet HTML 4Page - STMicroelectronics BYW51 Datasheet HTML 5Page - STMicroelectronics BYW51 Datasheet HTML 6Page - STMicroelectronics BYW51 Datasheet HTML 7Page - STMicroelectronics BYW51 Datasheet HTML 8Page - STMicroelectronics BYW51 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
BYW51/F/G/FP/R-200
5/9
10
20
50
100
200
500
1
10
50
dIF/dt(A/µs)
IRM(A)
IF=IF(av)
90% confidence
Tj=125°C
Fig. 9: Peak reverse recovery current versus dIF/dt
(per diode).
0
25
50
75
100
125
150
0.25
0.50
0.75
1.00
1.25
Tj(°C)
Qrr;IRM [Tj] / Qrr;IRM [Tj=125°C]
IRM
Qrr
Fig. 10: Dynamic parameters versus junction
temperature.
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness: 35
µm)
(D
2PAK) .



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com