Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY12A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMTY12A
Description  Low forward voltage TVS: Transky?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY12A Datasheet(HTML) 2 Page - STMicroelectronics

  SMTY12A Datasheet HTML 1Page - STMicroelectronics SMTY12A Datasheet HTML 2Page - STMicroelectronics SMTY12A Datasheet HTML 3Page - STMicroelectronics SMTY12A Datasheet HTML 4Page - STMicroelectronics SMTY12A Datasheet HTML 5Page - STMicroelectronics SMTY12A Datasheet HTML 6Page - STMicroelectronics SMTY12A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
SMTYxxA
2/7
1
Characteristics
Table 1.
Absolute ratings (limiting value)
Symbol
Parameter
Value
Unit
Vpp
IEC 61000-4-2 level 4 standard
Air discharge
Contact discharge
15
8
kV
P
Power dissipation on infinite heatsink
Tamb = 25° C
4
W
PPP
Peak pulse Power dissipation (1)
1.
10/1000µs pulse waveform
Tj initial = Tamb
600
W
IFSM
Non repetitive surge peak forward current
tp=10 ms
Tj initial = Tamb
40
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (2)
2.
thermal runaway condition for a Transky
150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient on printed circuit
120
°C/W
Rth(j-l)
Junction to lead
30
°C/W
Table 3.
Electrical characteristics
Symbol
Parameter
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VBR
Breakdown voltage
IR
Reverse leakage current
VCL
Clamping voltage
IPP
Peak pulse current
VF
Forward voltage drop
IRM max @ VRM
IRM max @
VRM @ 85° C
VBR min @ IR
VCLmax @ IPP
10/1000 µs
VF max
@ 1A (1)
1.
Pulse test tp = 500 µs, δ < 2%
αT max
µA
V
mA
V
V
mA
V
A
V
10-4/°C
SMTY5.0A
10
5
0.5
5
6.4
10
9
43.5
0.48
10
SMTY12A
20
12
1.2
12
13.2
1
18.5
31
0.48
10
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com