Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY12A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMTY12A
Description  Low forward voltage TVS: Transky?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY12A Datasheet(HTML) 4 Page - STMicroelectronics

  SMTY12A Datasheet HTML 1Page - STMicroelectronics SMTY12A Datasheet HTML 2Page - STMicroelectronics SMTY12A Datasheet HTML 3Page - STMicroelectronics SMTY12A Datasheet HTML 4Page - STMicroelectronics SMTY12A Datasheet HTML 5Page - STMicroelectronics SMTY12A Datasheet HTML 6Page - STMicroelectronics SMTY12A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
SMTYxxA
4/7
2
Ordering information scheme
Figure 7.
Forward voltage drop versus
forward current (typical values)
Figure 8.
Reverse leakage current versus
junction temperature
(typical values)
Figure 9.
SMTY5.0A Clamping voltage versus
peak pulse current (typical values)
Figure 10.
SMTY12A Clamping voltage versus
peak pulse current (typical values)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF(A)
T j=25 °C
T j=85 °C
VF(V)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
I
R(µA)
Tj(°C)
SMTY5.0A
SMTY12A
V
V
R
R
= 5 V
= 12 V
0.1
1.0
10.0
100.0
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
I
PP(A)
8/20 µs
T
j initial =25 °C
10/1000 µs
VCL(V)
SMTY5.0A
0.1
1.0
10.0
100.0
10
11
12
13
14
15
16
17
18
19
20
I
PP(A)
8/20 µs
T
j initial =25 °C
10/1000 µs
VCL(V)
SMTY12A
SMTY xx A
Transky
Package
A = SMA package
Stand off voltage
5.0 = 5 V
12 = 12 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com