Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTY12A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMTY12A
Description  Low forward voltage TVS: Transky?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTY12A Datasheet(HTML) 3 Page - STMicroelectronics

  SMTY12A Datasheet HTML 1Page - STMicroelectronics SMTY12A Datasheet HTML 2Page - STMicroelectronics SMTY12A Datasheet HTML 3Page - STMicroelectronics SMTY12A Datasheet HTML 4Page - STMicroelectronics SMTY12A Datasheet HTML 5Page - STMicroelectronics SMTY12A Datasheet HTML 6Page - STMicroelectronics SMTY12A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMTYxxA
Characteristics
3/7
Figure 1.
Pulse waveform (10/1000 µs)
Figure 2.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25° C)
Pulse waveform 10/1000 µs
tp = 10 µs
1000 µs
I
1.E-01
1.E+00
1.E+01
0.01
0.10
1.00
10.00
P
pp(kW)
T
j initial = 25 °C
tp(ms)
Figure 3.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 4.
Average power dissipation versus
ambient temperature
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
%
Tj(°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
P(W)
R
th(j-a)=Rth(j-l)
R
th(j-a)=120 °C/W
(PCB FR4, recommended pad layout)
Tamb(°C)
Figure 5.
Variation of thermal impedance,
junction to ambient, versus pulse
duration (Epoxy, FR4, eCu = 35 µm)
Figure 6.
Thermal resistance, junction to
ambient, versus copper surface
under each lead (printed circuit
board FR4, eCu = 35 µm)
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-a)(°C/W)
S
CU=3 mm²
Recommended pad layout
tp(s)
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
SCU(cm²)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com