Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW77 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW77
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW77 Datasheet(HTML) 1 Page - STMicroelectronics

  BYW77 Datasheet HTML 1Page - STMicroelectronics BYW77 Datasheet HTML 2Page - STMicroelectronics BYW77 Datasheet HTML 3Page - STMicroelectronics BYW77 Datasheet HTML 4Page - STMicroelectronics BYW77 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYW77G-200
®
October 1999 - Ed:3A
HIGH EFFICIENCY FAST RECOVERY DIODES
IF(AV)
25 A
VRRM
200 V
trr
50 ns
VF
0.85 V
MAIN PRODUCT CHARACTERISTICS
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD AND REVERSE RECOVERY
TIME
HIGH SURGE CURRENT CAPABILITY
SMD PACKAGE
FEATURES AND BENEFITS
Single rectifier suited for switchmode power supply
and high frequency DC to DC converters.
Packaged in D
2PAK, this surface mount device is
intended for use in high frequency inverters, free
wheeling and polarity protection applications.
DESCRIPTION
1
2
3
4
1& 3
4
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
RMS forward current
50
A
IF(AV)
Average forward current
Tc=125
°C
δ = 0.5
25
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
200
A
IFRM
Repetitive peak forward current
tp = 5
µs
f = 5 kHz
310
A
Tstg
Tj
Storage and junction temperature range
- 40 to + 150
°C
ABSOLUTE MAXIMUM RATINGS
D
2PAK
(Plastic)
1/5


Similar Part No. - BYW77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW77 STMICROELECTRONICS-BYW77 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
logo
Microsemi Corporation
BYW77-100 MICROSEMI-BYW77-100 Datasheet
117Kb / 3P
RECTIFIERS
BYW77-150 MICROSEMI-BYW77-150 Datasheet
117Kb / 3P
RECTIFIERS
BYW77-50 MICROSEMI-BYW77-50 Datasheet
117Kb / 3P
RECTIFIERS
logo
STMicroelectronics
BYW77P STMICROELECTRONICS-BYW77P Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
More results

Similar Description - BYW77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT30G-400 STMICROELECTRONICS-BYT30G-400 Datasheet
71Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW29G-200 STMICROELECTRONICS-BYW29G-200 Datasheet
63Kb / 5P
HIGH EFFICIENCY FAST RECOVERY DIODES
Oct-1999
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW29FP-200 STMICROELECTRONICS-BYW29FP-200 Datasheet
135Kb / 7P
HIGH EFFICIENCY FAST RECOVERY DIODES
May-2002
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com