Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW77 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW77
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW77 Datasheet(HTML) 4 Page - STMicroelectronics

  BYW77 Datasheet HTML 1Page - STMicroelectronics BYW77 Datasheet HTML 2Page - STMicroelectronics BYW77 Datasheet HTML 3Page - STMicroelectronics BYW77 Datasheet HTML 4Page - STMicroelectronics BYW77 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
110
100
100
110
120
130
140
150
160
170
180
190
200
200
VR(V)
F=1MHz Tj=25 C
o
C(pF)
Fig.7 : Junction capacitance versus reverse volt-
age applied (Typical values).
110
1 00
0
10
20
30
40
50
60
70
80
QRR(nC)
90%CONFIDENCE
IF=IF(av)
Tj=100 C
O
Tj=25 C
O
dIF/dt(A/
µs)
Fig.8 : Reverse recovery charges versus dIF/dt.
Tj(
C)
QRR;IRM[Tj]/QRR;IRM[Tj=125 C]
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
IRM
QRR
o
o
Fig.10 : Dynamic parameters versus junction tem-
perature.
110
1 00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
IRM(A)
dIF/dt(A/
µs)
90%CONFIDENCE
Tj=100 C
O
Tj=25 C
O
IF=IF(av)
Fig.9 : Peak reverse current versus dIF/dt.
BYW77G-200
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com