Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW77 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW77
Description  HIGH EFFICIENCY FAST RECOVERY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW77 Datasheet(HTML) 2 Page - STMicroelectronics

  BYW77 Datasheet HTML 1Page - STMicroelectronics BYW77 Datasheet HTML 2Page - STMicroelectronics BYW77 Datasheet HTML 3Page - STMicroelectronics BYW77 Datasheet HTML 4Page - STMicroelectronics BYW77 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
1
°C/W
THERMAL RESISTANCE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
VR =VRRM
Tj =25
°C25
µA
Tj = 100
°C
2.5
mA
VF**
Forward voltage drop
IF =20 A
Tj = 125
°C
0.85
V
IF =40 A
Tj = 125
°C
1.00
IF =40 A
Tj =25
°C
1.15
Pulse test :
* tp = 5 ms,
δ <2 %
** tp = 380
µs, δ <2 %
To evaluate the conduction losses use the following equation :
P = 0.65 x IF(AV) + 0.0075 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
Tj =25
°CIF = 0.5A
Irr = 0.25 A
IR =1A
35
ns
Tj =25
°CIF =1A
dIF/dt = -50A/
µsVR = 30V
50
tfr
Forward recovery
time
Tj =25
°CIF =1A
dIF/dt = 100A/
µs
VFR = 1.1 x VF max
10
ns
VFP
Peak forward
voltage
Tj =25
°CIF =1A
dIF/dt = 100A/
µs
1.5
V
RECOVERY CHARACTERISTICS
PIN OUT configuration in D
2PAK:
BYW77G-200
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com