Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR.A Datasheet(PDF) 31 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 34Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
8.5.1.3 Read Operation
A read operation is accomplished when the address byte is 0x02. Follow the read operation with a no-operation
(NOP) command to clock out an addressed register; see Figure 7-2. To read from a register, the address byte
and data word is as shown in Table 8-9. The read register value is output MSB first on SDO on successive falling
edges of SCLK.
Table 8-9. Default SPI Frame for Register Read
ADDRESS BYTE
(HEX)
DATA WORD
BIT 15:BIT 6
BIT 5:BIT 0
02
X (don't care)
Register read address (see Table 8-10)
Table 8-10 shows the register read addresses available on the DACx750 devices.
Table 8-10. Register Read Address Functions
READ ADDRESS(1)
FUNCTION
XX XX00
Read status register
XX XX01
Read DAC data register
XX XX10
Read control register
00 1011
Read configuration register
01 0011
Read DAC gain calibration register
01 0111
Read DAC zero calibration register
(1)
X denotes don't care bits.
8.5.1.4 Stand-Alone Operation
SCLK can operate in either continuous or burst mode, as long as the LATCH rising edge occurs after the
appropriate number of SCLK cycles. Providing more than or less than 24 SCLK cycles before the rising edge of
LATCH results in incorrect data being programmed into the device registers, and incorrect data sent out on SDO.
The rising edge of SCLK that clocks in the MSB of the 24-bit input frame marks the beginning of the write cycle,
and data are written to the addressed registers on the rising edge of LATCH.
8.5.1.5 Multiple Devices on the Bus
Communication with the device is not directly gated by LATCH; therefore, do not connect multiple devices in
parallel without gating SCLK. Figure 8-8 shows two devices with SCLK gated for each device.
SCLK
DIN
DOUT
CS2
Microcontroller
CS1
Device 1
SCLK
LATCH1
SDO
DIN
Device 2
SCLK
LATCH2
SDO
DIN
Figure 8-8. Multiple Devices on the Bus Using Gated SCLK
The microcontroller uses two chip select lines, one for each LATCH pin. Each line is used to gate the SCLK for
communication for each device.
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com