Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR.A Datasheet(PDF) 32 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC7750IPWPR.A Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 34Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 35Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
8.6 Register Maps
Table 8-11 shows the available registers on the DACx750 devices. See Section 8.6.1 for descriptions of all
DACx750 registers.
Table 8-11. Command and Register Map
REGISTER OR
COMMAND
READ AND
WRITE
ACCESS
DATA BITS (DB15:DB0)
15:14
13
12
11
10:9
8
7
6
5
4
3
2
1
0
Control
RW
X
REXT
OUTEN
SRCLK
SRSTEP
SREN
Reserved
RANGE
Configuration
RW
X(1)
CALEN
HARTEN
CRCEN
WDEN
WDPD
DAC Data(2)
RW
D15:D0
No operation(3)
—
X
Read Operation (3)
—
X
READ ADDRESS
Reset
W
RESET
Status
R
Reserved
CRC-FLT
WD-FLT
I-FLT
SR-ON
T-FLT
DAC Gain Calibration
(2)
RW
G15:G0, unsigned
DAC Zero Calibration
(2)
RW
Z15:Z0, signed
Watchdog Timer
Reset (3)
—
X
CRC Fault Reset (3)
—
X
(1)
X denotes don't care bits.
(2)
DAC8750 (16-bit version) shown. DAC7750 (12-bit version) contents are located in DB15:DB4.
For DAC7750, DB3:DB0 are don't care bits when writing and zeros when reading.
(3)
No operation, read operation, watchdog timer reset, and CRC fault reset are commands and not registers.
8.6.1 DACx750 Register Descriptions
8.6.1.1 Control Register
The DACx750 control register is written to at address 0x55. Table 8-12 shows the description for the control
register bits.
Table 8-12. Control Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB14
Reserved
00
Reserved. Do not write any value other than zero to these bits.
DB13
REXT
0
External current setting resistor enable.
DB12
OUTEN
0
Output enable.
Bit = 1: Output is determined by RANGE bits.
Bit = 0: Output is disabled. IOUT is Hi-Z.
DB11:DB8
SRCLK[3:0]
0000
Slew rate clock control. Ignored when bit SREN = 0.
DB7:DB5
SRSTEP[2:0]
000
Slew rate step size control. Ignored when bit SREN = 0.
DB4
SREN
0
Slew Rate Enable.
Bit = 1: Slew rate control is enabled, and the ramp speed of the output change is determined
by SRCLK and SRSTEP.
Bit = 0: Slew rate control is disabled. Bits SRCLK and SRSTEP are ignored. The output
changes to the new level immediately.
DB3
Reserved
0
Reserved. Must be set to 0.
DB2:DB0
RANGE[2:0]
000
Output range bits.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com