Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7750IPWPR.A
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR.A Datasheet(HTML) 1 Page - Texas Instruments

  DAC7750IPWPR.A Datasheet HTML 1Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 2Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 3Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 4Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 5Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 6Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 7Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 8Page - Texas Instruments DAC7750IPWPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output
Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
1 Features
• Current output options:
– 0 mA to 24 mA
– 4 mA to 20 mA
– 0 mA to 20 mA
• ±0.1% FSR typical total unadjusted error (TUE)
• DNL: ±1 LSB maximum
• Maximum loop compliance voltage: AVDD – 2 V
• Internal 5-V reference: 10 ppm/°C (maximum)
• Internal 4.6-V power-supply output
• CRC frame error check
• Watchdog timer
• Thermal alarm
• Open-circuit alarm
• Pins to monitor output current
• On-chip fault alarm
• User-calibration for offset and gain
• Wide temperature range: –40°C to +125°C
• Packages: 6-mm × 6-mm 40-pin VQFN and 24-pin
HTSSOP
2 Applications
• Analog output module
• CPU (PLC controller)
• Flow transmitter
• Other sensor transmitter
• Actuator
• Process analytics (pH, gas, concentration, force
and humidity)
3 Description
The DAC7750 and DAC8750 (DACx750) are low-
cost, precision, fully-integrated, 12-bit and 16-bit
digital-to-analog converters (DACs) designed to
meet the requirements of industrial process-control
applications. These devices can be programmed as
a current output with ranges of 4 mA to 20 mA, 0 mA
to 20 mA, or 0 mA to 24 mA. The DACx750 include
reliability features such as CRC error checking on
the SPI frame, a watchdog timer, an open circuit,
compliance voltage, and thermal alarm. In addition,
the output current can be monitored by accessing an
internal precision resistor.
These devices include a power-on-reset function
designed to power up the device in a known state
(IOUT is disabled and in a Hi-Z state). The CLR pin
sets the current output to the low end of the range
if the output is enabled. Program the zero and gain
registers to digitally calibrate the device in the end
system. The output slew rate is also programmable by
register. These devices can superimpose an external
HART® signal on the current output, and operate with
a 10-V to 36-V supply.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DACx750
HTSSOP (24)
7.80 mm × 4.40 mm
VQFN (40)
6.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
GND
DACx750
AVDD
DVDD-EN
DVDD
Slew Rate
Control
User Calibration
Gain/Offset
Register
DAC Input
Register
Thermal
Alarm
Internal
Reference
REFOUT
REFIN
HART-IN
LATCH
SCLK
DIN
SDO
CLR
DAC
Pre-
Conditioning
Current
Source
I
ENABLE
ISET-R
I
GAIN
Current Output Stage
IOUT
ALARM
BOOST
R3-SENSE
Watchdog
Timer
Block Diagram
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC7750IPWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7750IPWPR TI1-DAC7750IPWPR Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results

Similar Description - DAC7750IPWPR.A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com