Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9680TR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9680TR Datasheet HTML 43Page - STMicroelectronics L9680TR Datasheet HTML 44Page - STMicroelectronics L9680TR Datasheet HTML 45Page - STMicroelectronics L9680TR Datasheet HTML 46Page - STMicroelectronics L9680TR Datasheet HTML 47Page - STMicroelectronics L9680TR Datasheet HTML 48Page - STMicroelectronics L9680TR Datasheet HTML 49Page - STMicroelectronics L9680TR Datasheet HTML 50Page - STMicroelectronics L9680TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 286 page
background image
DS11615 Rev 7
47/286
L9680
Start-up and power control
285
In case of loss of ground the FET is not turned on. Loss of ground can be detected also
when the FET is off thanks to a pull-up current present on the BSTGND pin. The FET will be
automatically reactivated as soon as ground connection is restored. Over-voltage protection
from load dump and inductive flyback is provided via an active clamp and a SYNC_Boost
disable circuitry, see Figure 21.
Figure 21. SYNCBOOST regulator block diagram
Figure 22. SYNCBOOST regulator state diagram
Comp
SYNCBST
Driver &
Control
CLAMP
syncbst _en
SYNCBSTSW
SYNCBOOST
BSTGND
SYNCBST_CLAMP _ENTH
SYNCBST_
DISABLE TH
VIN
GAPGPS02266
GAPGPS02267
SYNCBOOST ON
SYNCBOOST OFF
SYNC BOOST
power mode control
(SYNCBST_OT = 1
AND
“deployment not in progress”)
SYNCBST OT
Reset T1
T1 Timeout
SYNC_BST_STBY
Start T1 1ms
SYNCBST_OT = 0
POWER-OFF_MODE
OR SLEEP_MODE
SYNCBOOST
TEMP OFF
(Transition from RUN_STATE to ER _STATE )
AND (SYS_CTL(KEEP_SYNCBST_ON)=0)
(rising edge of SYNCBST_RESTART AND
SYS_CTL(RESTART_SYBST_SEL)=1)
OR
(VIN_SYNCBST_RESTART =1 AND
SYS_CTL(RESTART_SYBST_SEL)=0)
OR
(exit from ER_STATE )
OR
(SPI received SYS_CTL(KEEP_SYNCBST_ON)=1)
VIN > VINGOOD
AND
SYS_CTL(SYNCBST_EN) =1
AND
BSTGND_loss = 0
AND
SYNCBST_DISABLE=0
AND
SYNCBST_OT = 0
AND
VINSYNC_DIS = 0
AND
SYNCBST_OV = 0
VIN < VINBAD
OR
SYS_CTL(SYNCBST_EN) =0
OR
BSTGND_loss = 1
OR
SYNCBST_DISABLE=1
OR
VINSYNC_DIS=1
OR
SYNCBST_OV = 1
SYNCBST_OT = 1
Default SYS_CTL(SYNCBST_EN) =1 at POR
Default SYS_CTL(KEEP_SYNCBST_ON)=1 at POR.
SYNCBST_RESTART = 1 when SYNCBOOST output voltage < Vsyncbst_restart_th.
VIN_SYNCBST_RESTART = 1 when VIN voltage > Vvin_syncbst_restart_th.
Change of SYS_CTL(KEEP_SYNCBST_ON) bit is automatically denied when ER_STATE is active .
In SYNCBOOST_TEMP_OFF state if SYS_CTL(KEEP_SYNCBST_ON)=1 is received we move to OFF state .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com