Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9680TR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9680TR Datasheet HTML 9Page - STMicroelectronics L9680TR Datasheet HTML 10Page - STMicroelectronics L9680TR Datasheet HTML 11Page - STMicroelectronics L9680TR Datasheet HTML 12Page - STMicroelectronics L9680TR Datasheet HTML 13Page - STMicroelectronics L9680TR Datasheet HTML 14Page - STMicroelectronics L9680TR Datasheet HTML 15Page - STMicroelectronics L9680TR Datasheet HTML 16Page - STMicroelectronics L9680TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 286 page
background image
DS11615 Rev 7
13/286
L9680
Description
285
1
Description
The L9680 is a chip that can be used in advanced airbag systems for mature airbag markets
or in cut-off battery systems for integrated safety markets. This device is family compatible
with the L9678 and L9679 devices. Safety system integration is enabled through higher
power supply currents and integrated active wheel speed sensor interface. The active wheel
speed interface is shared with the PSI-5 satellite interface to create a generic remote safety
sensor interface compliant to both systems.
High frequency power supply design allows further cost reduction by using smaller and less
expensive external components. All switching regulators operate at 1.882 MHz while buck
converters have integrated synchronous rectifiers.
Additional attention is given to system integrity and diagnostics. The ER capacitor is
electrically isolated from the boost regulator by a fixed charge current circuit to control in-
rush current. An additional discharge current circuit is integrated in the IC to measure the
capacitance and the ESR of ER capacitor. The same current sources can be used to
discharge the capacitor at shutdown.
Thanks to low quiescent current, the device can be directly connected to battery. In this way,
the device start-up and shutdown are controlled through the wake-up input function. The
power supply and crossover function are controlled automatically through the internal state
machine.
The user can select both ECU logic voltage (VCC at 3.3 V or 5.0 V) and energy reserve
output voltage (at either 23 V or 33 V). Deployment voltage is set to a maximum of 25 V for
all profiles and can be controlled through external safing switch circuit using the high-side
safing switch reference enabled through the system SPI interface or the arming logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com