Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9680TR Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9680TR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680TR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9680TR Datasheet HTML 79Page - STMicroelectronics L9680TR Datasheet HTML 80Page - STMicroelectronics L9680TR Datasheet HTML 81Page - STMicroelectronics L9680TR Datasheet HTML 82Page - STMicroelectronics L9680TR Datasheet HTML 83Page - STMicroelectronics L9680TR Datasheet HTML 84Page - STMicroelectronics L9680TR Datasheet HTML 85Page - STMicroelectronics L9680TR Datasheet HTML 86Page - STMicroelectronics L9680TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 286 page
background image
DS11615 Rev 7
83/286
L9680
SPI interfaces
285
7.4.7
Deployment configuration registers (DCR_x)
Deployment Configuration Channel 0 (DCR_0)
Deployment Configuration Channel 1 (DCR_1)
Deployment Configuration Channel 2 (DCR_2)
Deployment Configuration Channel 3 (DCR_3)
Deployment Configuration Channel 5 (DCR_5)
Deployment Configuration Channel 6 (DCR_6)
Deployment Configuration Channel 7 (DCR_7)
Deployment Configuration Channel 8 (DCR_8)
Deployment Configuration Channel 9 (DCR_9)
Deployment Configuration Channel A (DCR_A)
Deployment Configuration Channel B (DCR_B)
ID:
06 (DCR_0)
07 (DCR_1)
08 (DCR_2)
09 (DCR_3)
0A (DCR_4)
0B (DCR_5)
0C (DCR_6)
0D (DCR_7)
0E (DCR_8)
0F (DCR_9)
10 (DCR_A)
11 (DCR_B)
Type:
RW
Read:
0600 (DCR_0)
0700 (DCR_1)
0800 (DCR_2)
0900 (DCR_3)
0A00 (DCR_4)
0B00 (DCR_5)
0C00 (DCR_6)
0D00 (DCR_7)
0E00 (DCR_8)
0F00 (DCR_9)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
X
X
X
X
Deploy_Time
X
MISO
0
0
0
0
0
0
0
0
Deploy_Time
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com