Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DTW01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # MP34DTW01
Description  MEMS audio sensor ultra-wide dynamic range omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DTW01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MP34DTW01 Datasheet HTML 8Page - STMicroelectronics MP34DTW01 Datasheet HTML 9Page - STMicroelectronics MP34DTW01 Datasheet HTML 10Page - STMicroelectronics MP34DTW01 Datasheet HTML 11Page - STMicroelectronics MP34DTW01 Datasheet HTML 12Page - STMicroelectronics MP34DTW01 Datasheet HTML 13Page - STMicroelectronics MP34DTW01 Datasheet HTML 14Page - STMicroelectronics MP34DTW01 Datasheet HTML 15Page - STMicroelectronics MP34DTW01 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID023177 Rev 2
13/16
MP34DTW01
Process recommendations
16
Table 8. HCLGA (3 x 4 x 1 mm) 4LD package dimensions
Symbol
mm.
Min.
Typ.
Max.
A1
0.900
1.000
1.100
D1
3.900
4.000
4.100
D2
0.300
0.500
0.700
R1
0.300
0.400
0.500
E1
2.900
3.000
3.100
E2
0.000
±0.200
L1
1.300
1.350
1.400
L2
0.800
0.850
0.900
N1
0.625
0.675
0.725
N2
0.375
0.425
0.475
T1
0.900
0.950
1.000
T2
0.400
0.450
0.500
G1
3.050
3.100
3.150
G2
3.750
3.800
3.850
G3
2.050
2.100
2.150
G4
2.750
2.800
2.850
G5
0.250
0.300
0.350
G6
0.400
M
0.100
K
0.050
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com