Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DTW01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MP34DTW01
Description  MEMS audio sensor ultra-wide dynamic range omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DTW01 Datasheet(HTML) 3 Page - STMicroelectronics

  MP34DTW01 Datasheet HTML 1Page - STMicroelectronics MP34DTW01 Datasheet HTML 2Page - STMicroelectronics MP34DTW01 Datasheet HTML 3Page - STMicroelectronics MP34DTW01 Datasheet HTML 4Page - STMicroelectronics MP34DTW01 Datasheet HTML 5Page - STMicroelectronics MP34DTW01 Datasheet HTML 6Page - STMicroelectronics MP34DTW01 Datasheet HTML 7Page - STMicroelectronics MP34DTW01 Datasheet HTML 8Page - STMicroelectronics MP34DTW01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID023177 Rev 2
3/16
MP34DTW01
Pin description
16
1
Pin description
Figure 1. Pin connections
(BOTTOM VIEW)
1
2
3
4
GND
Vdd
CLK
DOUT
5
GND
AM045336v2
(TOP VIEW)
Table 2. Pin description
Pin #
Pin name
Function
1
Vdd
Power supply
2
GND
0 V supply
3
CLK
Synchronization input clock
4
DOUT
PDM data output
5 (ground ring)
GND
0 V supply
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com