Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DTW01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP34DTW01
Description  MEMS audio sensor ultra-wide dynamic range omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DTW01 Datasheet(HTML) 1 Page - STMicroelectronics

  MP34DTW01 Datasheet HTML 1Page - STMicroelectronics MP34DTW01 Datasheet HTML 2Page - STMicroelectronics MP34DTW01 Datasheet HTML 3Page - STMicroelectronics MP34DTW01 Datasheet HTML 4Page - STMicroelectronics MP34DTW01 Datasheet HTML 5Page - STMicroelectronics MP34DTW01 Datasheet HTML 6Page - STMicroelectronics MP34DTW01 Datasheet HTML 7Page - STMicroelectronics MP34DTW01 Datasheet HTML 8Page - STMicroelectronics MP34DTW01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
July 2014
DocID023177 Rev 2
1/16
MP34DTW01
MEMS audio sensor ultra-wide dynamic range omnidirectional
digital microphone
Datasheet
- production data
Features
 Ultra-wide dynamic range 140 dBSPL AOP
 Wide dynamic operation and high SNR
 Single low-voltage supply operation
 Low power consumption
 Sleep mode for extended battery life
 PDM output
 Omnidirectional sensitivity
 HCLGA package
– SMD-compliant
– EMI-shielded
–ECOPACK®, RoHS, and “Green” compliant
Applications
 Mobile terminals
 Laptop and notebook computers
 Portable media players
 VoIP
 Speech recognition
 A/V eLearning devices
 Gaming and virtual reality input devices
 Digital still and video cameras
 Antitheft systems
Description
The MP34DTW01 is an ultra-compact, ultra-wide
dynamic range, low-power MEMS microphone.
The MEMS microphone is capable of sensing
both moderate and high sound pressure level of
acoustic signals, exhibiting the widest ever, and
thus, sound dynamic range in the digital domain.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP34DTW01 interface is manufactured
using a CMOS process that allows designing a
dedicated circuit able to output a PDM digital
signal.
The MP34DTW01 has an acoustic overload point
of 140 dB SPL with a 60 dB signal-to-noise ratio.
The MP34DTW01 is available in an SMD-
compliant, EMI-shielded package and is
guaranteed to operate over an extended
temperature range from -40 °C to +85 °C
HCLGA (3 x 4 x 1) 4LD
Table 1. Device summary
Order codes
Temperature range [°C]
Package
Packing
MP34DTW01
-40 °C to +85 °C
HCLGA (3 x 4 x 1) mm 4LD
Tray
MP34DTW01TR
-40 °C to +85 °C
HCLGA (3 x 4 x 1) mm 4LD
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - MP34DTW01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP34DT01TR-M STMICROELECTRONICS-MP34DT01TR-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
More results

Similar Description - MP34DTW01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
MEMS audio sensor omnidirectional digital microphone
04-Nov-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
MP34DT06J STMICROELECTRONICS-MP34DT06J Datasheet
1Mb / 20P
MEMS audio sensor omnidirectional digital microphone
30-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com