Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 9Page - STMicroelectronics STA326_V01 Datasheet HTML 10Page - STMicroelectronics STA326_V01 Datasheet HTML 11Page - STMicroelectronics STA326_V01 Datasheet HTML 12Page - STMicroelectronics STA326_V01 Datasheet HTML 13Page - STMicroelectronics STA326_V01 Datasheet HTML 14Page - STMicroelectronics STA326_V01 Datasheet HTML 15Page - STMicroelectronics STA326_V01 Datasheet HTML 16Page - STMicroelectronics STA326_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
DocID11531 Rev 9
13/64
STA326
Electrical specifications
64
3
Electrical specifications
Table 3. Absolute maximum ratings
Table 4. Thermal data
Table 5. Recommended operating conditions
3.1
General interface specifications
Operating conditions VDD33 = 3.3 V ±0.3 V, Tamb = 25° C unless otherwise specified
Symbol
Parameter
Value
Unit
VDD33
3.3 V I/O power supply (pins VDDA, VDD)
-0.5 to 4
V
Vi
Voltage on input pins
-0.5 to (VDD33 + 0.5)
V
Vo
Voltage on output pins
-0.5 to (VDD33 + 0.5)
V
Tstg
Storage temperature
-40 to +150
C
Tamb
Ambient operating temperature
-20 to +85
C
DC supply voltage (pins nA, nB)
40
V
VMAX
Maximum voltage on VL (pin 20)
5.5
V
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-case Thermal resistance junction to case (thermal pad)
-
-
2.5
C/W
Tj-SD
Thermal shut-down junction temperature
-
150
-
C
TWARN
Thermal warning temperature
-
130
-
C
Th-SD
Thermal shut-down hysteresis
-
25
-
C
Symbol
Parameter
Value
Unit
VDD33
I/O power supply
3.0 to 3.6
V
Tj
Operating junction temperature
-20 to +125
C
Table 6. General interface electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iil
Low level input no pull-up
Vi = 0 V (1)
1. The leakage currents are generally very small (< 1 nA). The values given here are the maximum values
after an electrostatic stress on the pin.
--1
A
Iih
High level input no pull-down
Vi = VDD33 (1)
--2
A
IOZ
3-state output leakage without
pull-up/down
Vi = VDD33 (1)
--2
A
Vesd
Electrostatic protection
(human-body model)
Leakage current < 1
A 2000
-
-
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com