Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA326_V01 Datasheet HTML 36Page - STMicroelectronics STA326_V01 Datasheet HTML 37Page - STMicroelectronics STA326_V01 Datasheet HTML 38Page - STMicroelectronics STA326_V01 Datasheet HTML 39Page - STMicroelectronics STA326_V01 Datasheet HTML 40Page - STMicroelectronics STA326_V01 Datasheet HTML 41Page - STMicroelectronics STA326_V01 Datasheet HTML 42Page - STMicroelectronics STA326_V01 Datasheet HTML 43Page - STMicroelectronics STA326_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Register description
STA326
40/64
DocID11531 Rev 9
7.8.3
Preset EQ settings (addr 0x0D)
0100
140 Hz
0101
160 Hz
0110
180 Hz
0111
200 Hz
1000
220 Hz
1001
240 Hz
1010
260 Hz
1011
280 Hz
1100
300 Hz
1101
320 Hz
1110
340 Hz
1111
360 Hz
Table 55. Crossover frequency selection (continued)
XO[2:0]
Bass management - Crossover frequency
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
PEQ4
PEQ3
PEQ2
PEQ1
PEQ0
00000000
Table 56. Preset EQ selection
PEQ[4:0]
Setting
00000
Flat
00001
Rock
00010
Soft rock
00011
Jazz
00100
Classical
00101
Dance
00110
Pop
00111
Soft
01000
Hard
01001
Party
01010
Vocal
01011
Hip-hop
01100
Dialog
01101
Bass-boost #1
01110
Bass-boost #2
01111
Bass-boost #3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com