Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004SLHTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN7004SLHTR
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLHTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN7004SLHTR Datasheet HTML 3Page - STMicroelectronics VN7004SLHTR Datasheet HTML 4Page - STMicroelectronics VN7004SLHTR Datasheet HTML 5Page - STMicroelectronics VN7004SLHTR Datasheet HTML 6Page - STMicroelectronics VN7004SLHTR Datasheet HTML 7Page - STMicroelectronics VN7004SLHTR Datasheet HTML 8Page - STMicroelectronics VN7004SLHTR Datasheet HTML 9Page - STMicroelectronics VN7004SLHTR Datasheet HTML 10Page - STMicroelectronics VN7004SLHTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7 V < VCC < 28 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IFR_DIAGL
Low level input current
VIN = 0.9 V
1
µA
VFR_DIAGH
Input high level voltage
2.1
V
IFR_DIAGH
High level input current
VIN = 2.1 V
10
µA
VFR_DIAG(hyst)
Input hysteresis voltage
0.2
V
VFR_DIAGCL
Input clamp voltage
IIN = 1 mA
5.3
7.5
V
IIN = -1 mA
-0.7
Table 8. Protections
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH (1)
DC short circuit current
VCC = 13 V
80
135
175
A
4 V < VCC < 18 V (2)
175
ILIML
Short circuit current
during thermal cycling
VCC = 13 V;
TR < Tj < TTSD
38
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature(2)
TRS + 1 TRS + 7
°C
TRS
Thermal reset of fault diagnostic indication VFR_DIAG = 5 V;
135
°C
THYST
Thermal hysteresis
(TTSD - TR)(2)
7
°C
ΔTJ_SD
Dynamic temperature
VCC = 13 V
60
K
tLATCH_RST Fault reset time for output unlatch(2)
VFR_DIAG = 5 V to 0 V;
VIN = 5 V
3
10
20
µs
VDEMAG
Turn-off output voltage clamp
IOUT = 2 A; L = 6 mH;
Tj = -40°C
VCC - 38
V
IOUT = 2 A; L = 6 mH; Tj = 25°C
to 150°C
VCC - 41 VCC - 46 VCC - 52
1. Parameter guaranteed by an indirect test sequence.
2. Parameter guaranteed by design and characterization; not subject to production test.
Table 9. CurrentSense
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
VSENSE_CL
CurrentSense clamp voltage
VFR_DIAG = 0 V; ISENSE = 1 mA
-17
-12
V
VFR_DIAG = 0 V;
ISENSE = -1 mA
7
V
CurrentSense characteristics
K0
IOUT/ISENSE
IOUT = 1 A; VSENSE = 0.5 V
9000 16650 24500
dK0/K0 (1) (2) Current sense ratio drift
IOUT = 1 A; VSENSE = 0.5 V
-30
30
%
VN7004SLH
Main electrical characteristics
DS13681 - Rev 2
page 7/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com