Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004SLHTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN7004SLHTR
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLHTR Datasheet(HTML) 2 Page - STMicroelectronics

  VN7004SLHTR Datasheet HTML 1Page - STMicroelectronics VN7004SLHTR Datasheet HTML 2Page - STMicroelectronics VN7004SLHTR Datasheet HTML 3Page - STMicroelectronics VN7004SLHTR Datasheet HTML 4Page - STMicroelectronics VN7004SLHTR Datasheet HTML 5Page - STMicroelectronics VN7004SLHTR Datasheet HTML 6Page - STMicroelectronics VN7004SLHTR Datasheet HTML 7Page - STMicroelectronics VN7004SLHTR Datasheet HTML 8Page - STMicroelectronics VN7004SLHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
FR_DIAG
CS
OUT
Fault
Fault
Diagnostic
VSENSEH
K factor
Gate Driver
VCC – OUT
Clamp
T
VCC – GND
Clamp
Internal Supply
Undervoltage
shut-down
Current
Limitation
Power Limitation
Overtemperature
Short to VCC
Open-Load in OFF
Control & Diagnostic
GND
VCC
INPUT
Reverse
Battery
Fault Reset
Current
Sense
GAPG2002141448CFT
Table 1. Pin functions
Name
Function
VCC
Battery connection.
OUTPUT Power outputs. All the pins must be connected together.
GND
Ground connection.
INPUT
Voltage controlled input pin with hysteresis. Compatible with 3 V and 5 V CMOS outputs. It controls output switch
state.
CS
Analog current sense output pin delivers a current proportional to the load current.
FR_DIAG It sets auto-restart and latch-off protection. Moreover, it enables OFF-state diagnostic.
VN7004SLH
Block diagram and pin description
DS13681 - Rev 2
page 2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com