Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN7004SLHTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN7004SLHTR
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLHTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN7004SLHTR Datasheet HTML 17Page - STMicroelectronics VN7004SLHTR Datasheet HTML 18Page - STMicroelectronics VN7004SLHTR Datasheet HTML 19Page - STMicroelectronics VN7004SLHTR Datasheet HTML 20Page - STMicroelectronics VN7004SLHTR Datasheet HTML 21Page - STMicroelectronics VN7004SLHTR Datasheet HTML 22Page - STMicroelectronics VN7004SLHTR Datasheet HTML 23Page - STMicroelectronics VN7004SLHTR Datasheet HTML 24Page - STMicroelectronics VN7004SLHTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Figure 32. Analogue HSD – open-load detection in off-state
15k
15k
10k
+5V
Vbat
Rsense2
10k
VDD
OUT
OUT
ADC in
GND
OUT
100nF
GND
GND
GND
GND
GND
GND
100nF/50V
10nF
10nF/100V
GND
Microcontroller
OUTPUT
Vbat
10k
External
Pull-Up
switch
Logic
OUT
GND
INPUT
FR_DIAG
VCC
CS
Current mirror
GAPG1606150857CFT
Figure 33. Open-load / short to VCC condition
VSENSEH
VSENSE = 0
VSENSEH
tDSTKON
VSENSE
VSENSE
VIN
Pull-up connected
Pull-up
disconnected
Open-load
Short to VCC
VN7004SLH
CS - analog current sense
DS13681 - Rev 2
page 21/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com