Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-48P Datasheet(PDF) 11 Page - Juniper Networks, Inc.

Part # EX4100-48P
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-48P Datasheet(HTML) 11 Page - Juniper Networks, Inc.

Back Button EX4100-48P Datasheet HTML 7Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 8Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 13Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 14Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 15Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
• Number of LAGs supported: 128
- Maximum number of ports per LAG: 8
• LAG load-sharing algorithm bridged or routed (unicast or
multicast) traffic:
- IP: S/D IP
- TCP/UDP: S/D IP, S/D Port
- Non-IP: S/D MAC
- Tagged ports support in LAG
Layer 3 Features: IPv4
• Maximum number of ARP entries: 32,000
• Maximum number of IPv4 unicast routes in hardware: 32,650
prefixes; 32,150 host routes
• Maximum number of IPv4 multicast routes in hardware:
16,100 multicast routes
• Routing protocols: RIPv1/v2, OSPF, BGP, IS-IS
• Static routing
• Routing policy
• Bidirectional Forwarding Detection (BFD)
• L3 redundancy: Virtual Router Redundancy Protocol (VRRP)
• VRF-Lite: 1000
Layer 3 Features: IPv6
• Maximum number of neighbor discovery (ND) entries: 16,000
• Maximum number of IPv6 unicast routes in hardware: 16,200
prefixes; 16,050 host routes
• Maximum number of IPv6 multicast routes in hardware: 8000
multicast routes
• Routing protocols: RIPng, OSPFv3, IPv6, IS-IS
• Static routing
Access Control Lists (ACLs) (Junos OS Firewall Filters)
• ACL entries (ACE) in hardware per system:
- Port-based ACL (PACL) ingress: 4092
- VLAN-based ACL (VACL) ingress: 4092
- Router-based ACL (RACL) ingress: 4092
- Port-based ACL (PACL) egress: 1022
- VLAN-based ACL (VACL) egress: 511
- Egress across RACL: 1022
- ACL counter for denied packets
• ACL counter for permitted packets
• Ability to add/remove/change ACL entries in middle of list
(ACL editing)
• L2-L4 ACL
Access Security
• 802.1X port-based
• 802.1X multiple supplicants
• 802.1X with VLAN assignment
• 802.1X with authentication bypass access (based on host MAC
address)
• 802.1X with VoIP VLAN support
• 802.1X dynamic ACL based on RADIUS attributes
• 802.1X Supported Extensible Authentication Protocol (EAP)
types: Message Digest 5 (MD5), Transport Layer Security (TLS),
Tunneled TLS (TTLS), Protected Extensible Authenticated
Protocol (PEAP)
• MAC authentication (RADIUS)
• Control plane DoS protection
• Radius functionality over IPv6 for authentication,
authorization, and accounting (AAA)
• DHCPv6 snooping
• IPv6 neighbor discovery
• IPv6 source guard
• IPv6 router advertisement (RA) guard
• IPv6 Neighbor Discovery Inspection
• MACsec
High Availability
• Redundant, hot-swappable power supplies
• Redundant, field-replaceable, hot-swappable fans
• GRES for Layer 2 hitless forwarding and Layer 3 protocols on
RE failover
• Graceful protocol restart (OSPF, BGP)
• Layer 2 hitless forwarding on RE failover
• Nonstop bridging: LACP, xSTP
• Nonstop routing: PIM, OSPF v2 and v3, RIP v2, RIPng, BGP,
BGPv6, IS-IS, IGMP v1, v2, v3
Quality of Service
• L2 QoS
• L3 QoS
• Ingress policing: 1 rate 2 color
• Hardware queues per port: 12 (8 unicast + 4 multicast)
• Scheduling methods (egress): Strict priority (SP), weighted
deficit round-robin (WDRR)
• 802.1p, DiffServ code point (DSCP)/IP precedence trust and
marking
• L2-L4 classification criteria: Interface, MAC address, Ethertype,
802.1p, VLAN, IP address, DSCP/IP precedence, TCP/UDP
port numbers, and more
EX4100 Line of Ethernet Switches Datasheet
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com