Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-48P Datasheet(PDF) 15 Page - Juniper Networks, Inc.

Part # EX4100-48P
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-48P Datasheet(HTML) 15 Page - Juniper Networks, Inc.

Back Button EX4100-48P Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 13Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 14Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 15Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 16Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 17Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ordering Information
Product
Description
EX4100-48MP
Multigigabit 48 port, PoE++ (up to 90 W) switch with 16x100 MB/
1GbE/2.5GbE + 32x10 MB/100 MB/1GbE, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately.
EX4100-48MP-TAA
Multigigabit 48 port, PoE++ (up to 90 W) switch with 16x100 MB/
1GbE/2.5GbE + 32x10 MB/100 MB/1GbE, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
EX4100-24MP
Multigigabit 24 port, PoE++(up to 90 W) switch with 8x100 MB/
1GbE/2.5GbE/5GbE/10GbE + 16x10 MB/100 MB/1GbE, 4x10GbE
uplinks, 4x25GbE stacking/uplink ports, MACsec AES256, redundant
fans, 1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately.
EX4100-24MP-TAA
Multigigabit 24 port, PoE++(up to 90 W) switch with 8x100 MB/
1GbE/2.5GbE/5GbE/10GbE + 16x10 MB/100 MB/1GbE, 4x10GbE
uplinks, 4x25GbE stacking/uplink ports, MACsec AES256, redundant
fans, 1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
EX4100-48P
48-port 10/100/1000BASE-T PoE+ switch, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW. optics sold
separately.
EX4100-48P-TAA
48-port 10/100/1000BASE-T PoE+ switch, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW. optics sold
separately, TAA-compliant.
EX4100-24P
24-port 10/100/1000BASE-T PoE+ switch, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately.
EX4100-24P-TAA
24-port 10/100/1000BASE-T PoE+ switch, 4x10GbE uplinks,
4x25GbE stacking/uplink ports, MACsec AES256, redundant fans,
1x JPSU-920-AC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
EX4100-48T
48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-AC-AFO included with Standard SW, optics sold
separately.
EX4100-48T-TAA
48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-AC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
EX4100-24T
24-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-AC-AFO included with Standard SW, optics sold
separately.
EX4100-24T-TAA
24-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-AC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
EX4100-48T-AFI
48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, back-to-
front airflow, 1x JPSU-150-AC-AFI included with Standard SW,
optics sold separately.
EX4100-48T-AFI-TAA 48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, back-to-
front airflow, 1x JPSU-150-AC-AFI included with Standard SW,
optics sold separately, TAA-compliant.
EX4100-48T-DC
48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-DC-AFO included with Standard SW, optics sold
separately.
EX4100-48T-DC-TAA 48-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-DC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
Product
Description
EX4100-24T-DC
24-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-DC-AFO included with Standard SW, optics sold
separately.
EX4100-24T-DC-TAA 24-port 10/100/1000BASE-T switch, 4x10GbE uplinks, 4x25GbE
stacking/uplink ports, MACsec AES256, redundant fans, 1x
JPSU-150-DC-AFO included with Standard SW, optics sold
separately, TAA-compliant.
Perpetual Licenses
S-EX-A-C2-P
Software, EX Series Advanced license, Class 2 (24 ports), Perpetual
license for EX4100 24-port switches
S-EX-P-C2-P
Software, EX Series Premium license, Class 2 (24 ports), Perpetual
license for EX4100 24-port switches
S-EX-A-C3-P
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
Perpetual license for EX4100 48-port switches
S-EX-P-C3-P
Software, EX Series Premium license, Class 3 (32 or 48 ports),
Perpetual license for EX4100 48-port switches
S-EX-MACSEC-C2-P
Software, EX Series MACsec license, Class 2 (24 ports), Perpetual
license for EX4100 24-port switches
S-EX-MACSEC-C3-P
Software, EX Series MACsec license, Class 3 (48 ports), Perpetual
license for EX4100 48-port switches
S-EX4100-FBT-P
Software, EX Series Flow Based Telemetry License. Perpetual license
for all EX4100 switches.
Subscription Licenses
S-EX-A-C2-1
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 1 year
S-EX-A-C2-3
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 3 year
S-EX-A-C2-5
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 5 year
S-EX-P-C2-1
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 1 year
S-EX-P-C2-3
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 3 year
S-EX-P-C2-5
Software, EX Series Premium license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches, 5 year
S-EX-A-C3-1
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 1 year
S-EX-A-C3-3
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 3 year
S-EX-A-C3-5
Software, EX Series Advanced license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 5 year
S-EX-P-C3-1
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 1 year
S-EX-P-C3-3
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 3 year
S-EX-P-C3-5
Software, EX Series Premium license, Class 3 (32 or 48 ports),
includes Juniper Mist Wired Assurance and VNA subscription for EX
Series 48-port switches, 5 year
S-EX-A-C2-1-COR
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC CORE support, 1 year
S-EX-A-C2-3-COR
Software, EX Series Advanced license, Class 2 (24 ports), includes
Juniper Mist Wired Assurance and VNA subscription for EX Series
24-port switches with SVC CORE support, 3 year
EX4100 Line of Ethernet Switches Datasheet
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com