Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX4100-48P Datasheet(PDF) 13 Page - Juniper Networks, Inc.

Part # EX4100-48P
Description  EX4100 LINE OF ETHERNET SWITCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX4100-48P Datasheet(HTML) 13 Page - Juniper Networks, Inc.

Back Button EX4100-48P Datasheet HTML 9Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 10Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 11Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 12Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 13Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 14Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 15Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 16Page - Juniper Networks, Inc. EX4100-48P Datasheet HTML 17Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
• RFC 3484 Default Address Selection for Internet Protocol
Version 6 (IPv6)
• RFC 3513 Internet Protocol Version 6 (IPv6) Addressing
Architecture
• RFC 3569 draft-ietf-ssm-arch-06.txt PIM-SSM PIM Source
Specific Multicast
• RFC 3579 RADIUS EAP support for 802.1x
• RFC 6614 RadSec
• RFC 3618 Multicast Source Discovery Protocol (MSDP)
• RFC 3623 OSPF Graceful Restart
• RFC 4213 Basic Transition Mechanisms for IPv6 Hosts and
Routers
• RFC 4291 IPv6 Addressing Architecture
• RFC 4443 ICMPv6 for the IPv6 Specification
• RFC 4541 IBMP and MLD snooping services
• RFC 4552 OSPFv3 Authentication
• RFC 4861 Neighbor Discovery for IPv6
• RFC 4862 IPv6 Stateless Address Autoconfiguration
• RFC 4915 MT-OSPF
• RFC 5095 Deprecation of Type 0 Routing Headers
• RFC 5176 Dynamic Authorization Extensions to RADIUS
• RFC 5798 VRRPv3 for IPv6
• Draft-ietf-bfd-base-05.txt Bidirectional Forwarding Detection
• Draft-ietf-idr-restart-10.txt Graceful Restart Mechanism
• Draft-ietf-isis-restart-02 Restart Signaling for IS-IS
• Draft-ietf-isis-wg-multi-topology-11 Multi Topology (MT)
Routing in IS-IS for BGP
• Internet draft-ietf-isis-ipv6-06.txt, Routing IPv6 with IS-IS
• LLDP Media Endpoint Discovery (LLDP-MED), ANSI/
TIA-1057, draft 08
• PIM-DM Draft IETF PIM Dense Mode draft-ietf-idmr-
pimdm-05.txt, draft-ietf-pim-dm-new-v2-04.txt
Supported MIBs
• RFC 1155 SMI
• RFC 1157 SNMPv1
• RFC 1212, RFC 1213, RFC 1215 MIB-II, Ethernet-Like MIB
and TRAPs
• RFC 1493 Bridge MIB
• RFC 1643 Ethernet MIB
• RFC 1657 BGP-4 MIB
• RFC 1724 RIPv2 MIB
• RFC 1850 OSPFv2 MIB
• RFC 1905 RFC 1907 SNMP v2c, SMIv2 and Revised MIB-II
• RFC 2011 SNMPv2 for Internet Protocol using SMIv2
• RFC 2012 SNMPv2 for transmission control protocol using
SMIv2
• RFC 2013 SNMPv2 for user datagram protocol suing SMIv2
• RFC 2096 IPv4 Forwarding Table MIB
• RFC 2287 System Application Packages MIB
• RFC 2570–2575 SNMPv3, user based security, encryption,
and authentication
• RFC 2576 Coexistence between SNMP Version 1, Version 2,
and Version 3
• RFC 2578 SNMP Structure of Management Information MIB
• RFC 2579 SNMP Textual Conventions for SMIv2
• RFC 2665 Ethernet-like interface MIB
• RFC 2787 VRRP MIB
• RFC 2819 RMON MIB
• RFC 2863 Interface Group MIB
• RFC 2863 Interface MIB
• RFC 2922 LLDP MIB
• RFC 2925 Ping/Traceroute MIB
• RFC 2932 IPv4 Multicast MIB
• RFC 3413 SNMP Application MIB
• RFC 3414 User-based Security model for SNMPv3
• RFC 3415 View-based Access Control Model for SNMP
• RFC 3621 PoE-MIB (PoE switches only)
• RFC 4188 STP and Extensions MIB
• RFC 4363 Definitions of Managed Objects for Bridges with
Traffic Classes, Multicast Filtering, and VLAN extensions
• RFC 5643 OSPF v3 MIB support
• Draft – blumenthal – aes – usm - 08
• Draft – reeder - snmpv3 – usm - 3desede -00
• Draft-ietf-bfd-mib-02.txt
• Draft-ietf-idmr-igmp-mib-13
• Draft-ietf-idmr-pim-mib-09
• Draft-ietf-idr-bgp4-mibv2-02.txt – Enhanced BGP-4 MIB
• Draft-ietf-isis-wg-mib-07
Troubleshooting
• Debugging: CLI via console, Telnet, or SSH
• Diagnostics: Show and debug command, statistics
• Traffic mirroring (port)
• Traffic mirroring (VLAN)
• IP tools: Extended ping and trace
• Juniper Networks commit and rollback
Traffic Monitoring
• ACL-based mirroring
• Mirroring destination ports per system: 4
- LAG port monitoring
- Multiple destination ports monitored to 1 mirror (N:1)
• Maximum number of mirroring sessions: 4
• Mirroring to remote destination (over L2): 1 destination VLAN
EX4100 Line of Ethernet Switches Datasheet
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com