Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-CASE-20 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # COMPACT-CASE-20
Description  COMPACT CASE 20
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

COMPACT-CASE-20 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  COMPACT-CASE-20 Datasheet HTML 1Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 2Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 3Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.elma.com
05|22
1|4
www.elma.com
05|22
2|4
DESIGN AND COMPACT CASE
COMPACT CASE 20
DATASHEET
›
Attractive design
›
Aluminum sheet enclosure
›
Extruded black anodized side panels and clear ano-
dized top and bottom panels
›
Four standard heights with different depths
›
Three different versions: Standard, comfort and rugged
›
Only one type and size of screw
›
Rugged version with covers made of elastomer, NBR
80 shore (RAL9005)
›
Optional EMC protection
›
Stackable
Product description
An attractive look in the environment makes working more
beautiful and therefore more efficient. The compact design
enclosure Compact Case 20 packs all the technology
perfectly, because it is a flexible, robust and high-quality
aluminum case for measuring devices, control and service
applications. It is suitable for both stationary and mobile
use. The Compact Case 20 is available in three versions
and several sizes. Scalable in depth, it offers perfectly
adapted internal and external dimensions.
Product variety
›
3 models: Standard, Comfort, Rugged
›
Embedded version
›
2 plastic covers in PC, ABS for elevated aesthetic
requirements
›
4 rugged covers in elastomers for heavy loads
›
Optional increased EMC shielding (superior level)
Customizations
›
Size
›
EMC protection
EMC protection
The standard version of Compact Case 20 offers con-
ductively connected enclosure parts without additional
seals. To increase the EMC shielding, optional versions
with EMC gaskets are available.
Applications
›
Test and measuring devices
›
Medical equipment
›
Audio and studio equipment
›
Applications in harsh environments


Similar Part No. - COMPACT-CASE-20

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
COMPACT-808 COHERENT-COMPACT-808 Datasheet
639Kb / 4P
Industrial High Power Diode Laser
COMPACT-EVO-AC COHERENT-COMPACT-EVO-AC Datasheet
937Kb / 3P
Industrial High Power Diode Laser
COMPACT-EVOLUTION COHERENT-COMPACT-EVOLUTION Datasheet
502Kb / 5P
Industrial High Power Diode Laser
COMPACT-MINI COHERENT-COMPACT-MINI Datasheet
472Kb / 4P
Industrial High Power Diode Laser
COMPACT-SE COHERENT-COMPACT-SE Datasheet
584Kb / 4P
Industrial High Power Diode Laser
More results

Similar Description - COMPACT-CASE-20

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
logo
3M Electronics
7918 3M-7918 Datasheet
51Kb / 1P
3M??Exhalation Valve Cover 7918, 20 EA/Case
8293Q 3M-8293Q Datasheet
73Kb / 2P
3M??Probed Particulate Respirator 8293Q, P100 20 EA/Case
8293T 3M-8293T Datasheet
46Kb / 1P
3M??Particulate Respirator 8293T, P100 20/case
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
Transport case - PA-CASE 2
12/24/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com