Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-CASE-20 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # COMPACT-CASE-20
Description  COMPACT CASE 20
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

COMPACT-CASE-20 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  COMPACT-CASE-20 Datasheet HTML 1Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 2Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 3Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.elma.com
4|4
05|22
www.elma.com
05|22
3|4
DESIGN AND COMPACT CASE
COMPACT CASE 20
DATASHEET
Ohter sizes on request
Size
Dimensions
(W x H x D)
Compact case 20
Standard
Comfort
Rugged
XS
130 x 60 x 150 mm
20C-100-150
20C-101-150
20C-102-150
S
170 x 90 x 200 mm
20C-100-200
20C-101-200
20C-102-200
M
240 x 120 x 250 mm
20C-100-250
20C-101-250
20C-102-250
L
300 x 150 x 300 mm
20C-100-300
20C-101-300
20C-102-300
Colors
›
Aluminum: Silver with black anodized side wall profiles
›
Comfort and rugged versions with complementary black plastic covers
›
Other colors on demandEMC protection
Size
Dimensions
(W x H x D)
Compact case 20 embedded
Standard
Comfort
Rugged
Standard EMC Comfort EMC
Rugged EMC
XS
130 x 60 x 150 mm
20C-105-150
20C-106-150
20C-107-150
20E-105-150
20E-106-150
20E-107-150
S
170 x 90 x 200 mm
20C-205-150
20C-206-150
20C-207-150
20E-205-150
20E-206-150
20E-207-150
Ohter sizes on request
Embedded version
2 Standard sizes in depth depth from 150 to 200 mm in steps of 10 mm
Product variations
Standard version
›
4 standard sizes scaled in depth from 150 to 300 mm in steps of 10 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com