Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-CASE-20 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # COMPACT-CASE-20
Description  COMPACT CASE 20
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

COMPACT-CASE-20 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  COMPACT-CASE-20 Datasheet HTML 1Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 2Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 3Page - Elma Electronic Ltd COMPACT-CASE-20 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.elma.com
05|22
1|4
www.elma.com
05|22
2|4
DESIGN AND COMPACT CASE
COMPACT CASE 20
DATASHEET
Size XS (60mm height) & S (90mm height)
Front panels: Standard, comfort, rugged
Cooling fins
Slots for threaded strips 2x6 mm (M2.5 / M3) or
PCB mounting
Optional EMC version
Sidewall / Fins black anodized
Stackable
Applications
Audio equipment or set-top boxes
Embedded controllers
Test devices
Product variety
3 models: Standard, Comfort, Rugged
Optional increased EMC shielding (superior level)
Several depth and width
Embedded version
Specially designed for applications with embedded con-
trollers or other electronic applications, the new design
variant offers additional features. Special fins on the convex
side walls can dissipate waste heat from the components
fastened inside. The flat inside of the side walls is also
equipped with a groove for threaded strips or square nuts.
These make it easier to attach built-in components and even
allow entire printed circuit boards to be inserted. In addition
to the fresh design, the ribs ensure the stackable housing
has an ideal grip.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com