Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MTY Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85RS4MTY
Description  4M (512 K x 8) Bit SPI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MTY Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RS4MTY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 9Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MB85RS4MTY(AEC-Q100 Compliant)
10
DS501-00066-3v0-E
READ
The READ command reads FeRAM memory cell array data. Arbitrary 24 bits address and op-code of READ
are input to SI. The 5-bit upper address bit is invalid. Then, 8-cycle clock is input to SCK. SO is output
synchronously to the falling edge of SCK. While reading, the SI value is invalid. When CS is risen, the READ
command is completed, but keeps on reading with automatic address increment which is enabled by con-
tinuously sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches the most significant
address, it rolls over to the starting address, and reading cycle keeps on infinitely.
WRITE
The WRITE command writes data to FeRAM memory cell array. WRITE op-code, arbitrary 24 bits of address
and 8 bits of writing data are input to SI. The 5-bit upper address bit is invalid. When 8 bits of writing data
is input, data is written to FeRAM memory cell array. Risen CS will terminate the WRITE command, but if
you continue sending the writing data for 8 bits each before CS rising, it is possible to continue writing with
automatic address increment. When it reaches the most significant address, it rolls over to the starting
address, and writing cycle can be continued infinitely.
FSTRD
The FSTRD command reads FeRAM memory cell array data. Arbitrary 24 bits address and op-code of
FSTRD are input to SI followed by 8 bits dummy. The 5-bit upper address bit is invalid. Then, 8-cycle clock
is input to SCK. SO is output synchronously to the falling edge of SCK. While reading, the SI value is invalid.
When CS is risen, the FSTRD command is completed, but keeps on reading with automatic address incre-
ment which is enabled by continuously sending clocks to SCK in unit of 8 cycles before CS rising. When it
reaches the most significant address, it rolls over to the starting address, and reading cycle keeps on infinitely.
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
26 27
6 7 8 9 10 11 12 13 14 15
38 39
28 29 30 31 32 33 34 35 36 37
00000011 X
32
X X X X 18 17 16
54
SO
76
3
10
54
210
CS
SCK
Data In
SI
MSB
LSB MSB
LSB
High-Z
10 11
0123456789
14 15
26
31 32
12 13
27 28 29 30
33 34 35 36 37 38 39
0000001
3
0 XXXXX
2 1 0
SO
18 17 16
5 4
3 2 1 0
7654
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
29 30
6 7 8 9 10 11 12 13 1415
46 47
31 32
38 39 40 41 42 43 44 45
00001011 X
6
16
210 X
XX
SO
7
X X X X 18 17
0
543
33
X
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com