Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MTY Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB85RS4MTY
Description  4M (512 K x 8) Bit SPI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MTY Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85RS4MTY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 13Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 14Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 15Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 16Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 17Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MB85RS4MTY(AEC-Q100 Compliant)
14
DS501-00066-3v0-E
FSSRD
The SSRD command reads data from special sector (a special region of 256 Byte in FeRAM). SSWR op-
code and arbitrary 24 bits address are input to SI followed by 8 bits dummy. The 16-bit upper address is
invalid. Then, 8-cycle clock is input to SCK. SO is output synchronously to the falling edge of SCK. While
reading, the SI value is invalid. When CS is risen, the SSRD command is completed, but keeps on reading
with automatic address increment which is enabled by continuously sending clocks to SCK in unit of 8 cycles
before CS rising. When it reaches the most significant address, roll over is not happen.
The data in special sector is stable between before and after reflow. Refer “ REFLOW CONDITIONS AND
FLOOR LIFE” for the reflow condition.
DPD(Deep Power Down)
The DPD command shifts the LSI to a low power mode called “DPD mode”. The transition to the DPD mode
is carried out at the rising edge of CS after operation code in the DPD command. However, when at least
one SCK clock is inputted before the rising edge of CS after operation code in the DPD command, this DPD
command is canceled.
After the DPD mode transition, SCK and SI inputs are ignored and SO changes to a High-Z state.
Returning to an normal operation from the DPD mode is carried out after tRECDPD (Max 10 s) time from the
falling edge of CS (see the figure below). It is possible to return CS to H level before tRECDPD time. However,
it is prohibited to bring down CS to L level again during tRECDPD period.
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
29 30
6
8 9 1011
25262728
4647
31 32
38 39 40 41 42 43 44 45
01001001 X
6
4
210 X
XX
SO
7
XXX
65
0
543
33
X
21
3
24
23
7
X
7
24 bit addresses
ope. code
8 bit dummy
Enter DPD Mode
CS
SCK
SI Invalid
Invalid
High-Z
DPD Mode Entry
67
012345
SO
0
1011101
CS
CS
tRECDPD
Exit DPD Mode
DPD Mode Exit
tCSWL
From this time
Command input enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com