Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MTY Datasheet(PDF) 28 Page - RAMXEED LIMITED

Part # MB85RS4MTY
Description  4M (512 K x 8) Bit SPI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS4MTY Datasheet(HTML) 28 Page - RAMXEED LIMITED

Back Button MB85RS4MTY Datasheet HTML 24Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 25Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 26Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 27Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 28Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 29Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 30Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 31Page - RAMXEED LIMITED MB85RS4MTY Datasheet HTML 32Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
MB85RS4MTY(AEC-Q100 Compliant)
28
DS501-00066-3v0-E
1.2 IC orientation
8-pin plastic DFN 5mm  6mm
1.3 Reel dimensions
Dimensions in mm
A
B
C
W1
W2
DFN8
330
100
13
13.5
17.5
Index mark
• example
(User Direction of Feed)
(Reel side)
(User Direction of Feed)
Reel cutout dimensions
W1
W2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com