Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64 Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85RS64
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64 Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85RS64 Datasheet HTML 1Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 2Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 3Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 4Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 5Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 6Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 7Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 8Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MB85RS64
2
DS501-00012-7v2-E
PIN ASSIGNMENT
PIN FUNCTIONAL DESCRIPTIONS
Pin No. Pin Name
Functional description
1
CS
Chip Select pin
This is an input pin to make chip select. When CS is the “H” level, device is in deselect
(standby) status and SO becomes High-Z. Inputs from other pins are ignored at this time.
When CS is the “L” level, device is in select (active) status. CS has to be the “L” level
before inputting op-code. The Chip Select pin is pulled up internally to the VDD pin.
3
WP
Write Protect pin
This is a pin to control writing to a status register. The writing of status register (see “
STATUS REGISTER”) is protected in related with WP and WPEN. See “WRITING
PROTECT” for detail.
7
HOLD
Hold pin
This pin is used to interrupt serial input/output without making chip deselect. When
HOLD is the “L” level, hold operation is activated, SO becomes High-Z, and SCK and SI
become don’t care. While the hold operation, CS shall be retained the “L” level.
6
SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
5
SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
2
SO
Serial Data Output pin
This is an output pin of serial data. Reading data of FeRAM memory cell array and status
register are output. This is High-Z during standby.
8
VDD
Supply Voltage pin
4
GND
Ground pin
GND
SI
SO
VDD
SCK
WP
CS
HOLD
8
7
6
5
4
3
2
1
(TOP VIEW)
(8-pin plastic SOP,150mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com