Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64 Datasheet(PDF) 27 Page - RAMXEED LIMITED

Part # MB85RS64
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64 Datasheet(HTML) 27 Page - RAMXEED LIMITED

Back Button MB85RS64 Datasheet HTML 23Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 24Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 25Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 26Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 27Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 28Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 29Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 30Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 31Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
MB85RS64
DS501-00012-7v2-E
27
3. Tray(MB85RS64PNF-G-AME2)
3.1 Tray Storage Capacity
3.2 Tray Dimensions (JEDEC Standard)
Maximum storage capacity
ICs/tray
ICs/inner box
ICs/outer box
476
4,760
(Max:10 trays/inner box)
19,040
(Max: 4 inner boxes/outer box)
(Dimensions in mm)
Heat proof temperature :150 C Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com