Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS64 Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85RS64
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64 Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85RS64 Datasheet HTML 1Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 2Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 3Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 4Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 5Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 6Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 7Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 8Page - RAMXEED LIMITED MB85RS64 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
64 K (8 K  8) Bit SPI
MB85RS64
DESCRIPTION
MB85RS64 is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 8,192 words 
8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the nonvolatile
memory cells.
MB85RS64 adopts the Serial Peripheral Interface (SPI).
The MB85RS64 is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS64 can be used for 1012 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS64 does not take long time to write data like Flash memories or E2PROM, and MB85RS64 takes
no wait time.
FEATURES
• Bit configuration
: 8,192 words  8 bits
• Serial Peripheral Interface
: SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 20 MHz (Max)
• High endurance
: 1012 times / byte
• Data retention
: 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 2.7 V to 3.6 V
• Low power consumption
: Operating power supply current 1.5 mA (Typ@20 MHz)
Standby current 5 A (Typ)
• Operation ambient temperature range :  40 C to +85 C
• Package
: 8-pin plastic SOP RoHS compliant
DS501-00012-7v2-E


Similar Part No. - MB85RS64

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS64 FUJITSU-MB85RS64 Datasheet
295Kb / 32P
64 K (8 K횞8) ?볝긿?늆PI
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS64T RAMXEED-MB85RS64T Datasheet
1Mb / 31P
64 K (8 K x 8) Bit SPI
MB85RS64TPNF-G-JNE2 RAMXEED-MB85RS64TPNF-G-JNE2 Datasheet
1Mb / 31P
64 K (8 K x 8) Bit SPI
MB85RS64TPNF-G-JNERE2 RAMXEED-MB85RS64TPNF-G-JNERE2 Datasheet
1Mb / 31P
64 K (8 K x 8) Bit SPI
More results

Similar Description - MB85RS64

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
64 k SRAM (8-kword x 8-bit)
logo
fujitsu semiconductor
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
64-Kbit (8 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
64 K (8 K 횞 8) Bit I2C
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com