Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTM3424/T01 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # RTM3424/T01
Description  OpenVPX™ 3U Single Board Computer with T4240
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RTM3424/T01 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  RTM3424/T01 Datasheet HTML 1Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 2Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 3Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Medusa VPX3424
VPX3424 Datasheet
Page 2 of 4
07-01-2014
OpenVPX™
 Profile
The VPX3424 is compatible with a large number OpenVPX™ (VITA 65) slot and module
profiles, making it suitable for a wide range of high-performance applications.
Compatible SLT profiles:
Compatible MOD profiles:
MOD3-PAY-2F2T-16.2.5-3
MOD3-PER-2F-16.3.1-2
SLT3-PAY-2F2U-14.2.3
MOD3-PAY-2F2U-16.2.3-2
MOD3-PAY-1D-16.2.6-1
MOD3-PER-2F-16.3.1-3
SLT3-PAY-1F1F2U-14.2.4
MOD3-PAY-2F2U-16.2.3-3
MOD3-PAY-1D-16.2.6-2
MOD3-PER-1F-16.3.2-1
SLT3-PAY-2F2T-14.2.5
MOD3-PAY-1F1F2U-16.2.4-1
MOD3-PAY-2F-16.2.7-1
MOD3-PER-1F-16.3.2-2
SLT3-PAY-1D-14.2.6
MOD3-PAY-1F1F2U -16.2.4-2
MOD3-PAY-2F-16.2.7-2
MOD3-PER-1U-16.3.3-1
SLT3-PAY-2F-14.2.7
MOD3-PAY-1F1F2U -16.2.4-3
MOD3-PAY-2F-16.2.7-3
MOD3-PER-1U-16.3.3-2
SLT3-PAY-1F2U-14.2.12
MOD3-PAY-1F1F2U -16.2.4-4
MOD3-PAY-1F2U-16.2.11-1
MOD3-STO-2U-16.5.1-1
SLT3-STO-2U-14.5.1
MOD3-PAY-1F1F2U -16.2.4-9
MOD3-PAY-1F2U-16.2.11-2
MOD3-STO-2U-16.5.1-2
MOD3-PAY-1F1F2U -16.2.4-11
MOD3-PAY-1F2U-16.2.11-5
MOD3-PAY-2F2T-16.2.5-2
MOD3-PAY-1F2U-16.2.11-7
 Data Plane
As per the VITA 46.4 standard, two x4 lanes of Gen3 PCI Express® are available for high-
bandwidth data movement via the OpenVPX™ data plane; supporting data rates of up to
8Gbaud per lane.
These interfaces can be configured by software. They can be combined into a single x8 lane,
Gen2 PCI Express® interface. The first x4 lane can be reconfigured into a Serial RapidIO®
High-Bandwidth, Low-Latency interface, as per VITA 46.3; supporting Serial RapidIO® data
rates of up to 5Gbaud per lane.
Each link (FP) has its own PCIe controller, which can be individually configured. As a Root
Complex (RC) it uses downstream ports, as an End Point (EP) it uses upstream ports.
 Control Plane
The VPX3424 implements a Gigabit Ethernet control plane architecture. The VPX3424
supports up to four Ultra-Thin Pipes (1000BASE-KX) or up to two Thin Pipes (1000BASE-T) as
its control plane interfaces.
 User I/O
The User I/O pins on the VPX3424 are packed with high-speed interconnects and flexible I/O
solutions. Four 10Gigabit and two Gigabit Ethernet connections are available for fast links to
the T4240. Additionally, two USB, two SATA and two CAN ports are available on the User I/O
pins.
Up to 36 User I/O pins are available to a powerful user-programmable FPGA. Customers can
freely determine the functionality of these pins by expanding the FPGA’s firmware, which
can include additional fast interconnects.
 Utility Plane
The VPX3424 implements a system management infrastructure using the standard I
2C bus
and IPMI protocol, an on-board system management block implements the Intelligent
Platform Management Controller (IPMC) function.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com