Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTM3424/T01 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # RTM3424/T01
Description  OpenVPX™ 3U Single Board Computer with T4240
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RTM3424/T01 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  RTM3424/T01 Datasheet HTML 1Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 2Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 3Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
>>> people inventing technology creating systems serving people >>>
OpenVPX™ 3U Single Board Computer with T4240
Using the T4240’s built-in AltiVec® technology accelerators, cryptographic engine and high-speed
serial interfaces, the VPX3424 is capable of processing data at record-breaking speeds for many
common algorithms such as FFTs, image analysis, networking or wireless protocols. Further
accelerators allow for extensive hardware-based parsing, scheduling (QoS) and queue management.
FPGA-Powered Flexibility
The VPX3424 has a large, user-programmable FPGA and dozens of customizable OpenVPX™ User
I/O pins, allowing you to add support for application specific interfaces or offload specialized tasks
to the FPGA. From adding a simple PWM signal to multiple additional Ethernet controllers, the user-
programmable FPGA adds great flexibility to meet your design needs.
Software Support
Support for VxWorks®, Integrity®, PikeOS™ and Linux is planned for the VPX3424, as well as an OS-
less BSP. Other Operating Systems are available on request. Each supported software environment
comes with extensive documentation, example software, compiler and IDE.
Furthermore, a development kit will be available for the on-board user-programmable FPGA with
code examples and documentation to kick-start your firmware development.
Small Form Factor System
A conduction cooled ruggedized REDI (VITA 48) variant of the VPX3424 is available as part of the
upcoming AcQ Inducom OpenVPX™-based small form factor system (VITA 75), a highly modular and
extendable platform for a range of embedded applications. This system brings together an
optimized combination of performance and SWaP. AcQ Inducom offers a wide range of boards for
this system using the OpenVPX™ (VITA 65) architecture. These boards include I/O, networking and
audio functionality. A PMC/XMC carrier (VPX3001) is also available. Contact us for more details on
this system and how it can meet your application’s needs.
The AcQ Inducom “Medusa” VPX3424 is
a 3U OpenVPX™ (VITA 65) Single Board
Computer (SBC) featuring the all-new T4240
QorIQ® Processor from Freescale
Semiconductor. This 12-core, 24-thread
processor running at up to 1.8GHz is based
on the e6500 core with AltiVec® technology
and offers the cutting edge of both
performance (up to 216 GFlops) and power
efficiency. With up to 12GB DDR3 RAM with
ECC and a range of fast interconnects, it
forms the beating heart of this new board,
bringing you unparalleled performance.
Medusa VPX3424


Similar Part No. - RTM3424/T01

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
M18 Ultra short tubular type Photo sensor
logo
Recom International Pow...
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-1205S RECOM-RTM-1205S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Analog Devices
RTM-1696 AD-RTM-1696 Datasheet
1Mb / 4P
5VA OUTPUT TRANSFORMERS
RTM-1696 AD-RTM-1696_15 Datasheet
1Mb / 4P
5VA OUTPUT TRANSFORMERS
More results

Similar Description - RTM3424/T01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-6038 ETC-HS-6038 Datasheet
131Kb / 1P
PICMG BUS SINGLE BOARD COMPUTER
logo
Motorola, Inc
MVME147 MOTOROLA-MVME147 Datasheet
178Kb / 4P
Single-board computer
logo
List of Unclassifed Man...
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
EPIC Single Board Computer
VL-EPIC-17EA ETC2-VL-EPIC-17EA Datasheet
627Kb / 2P
EPIC Single Board Computer
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
EBX Single Board Computer
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-6030 ADVANTECH-MIC-6030 Datasheet
780Kb / 2P
3U OpenVPX PCIe/ Ethernet hybrid switch
30-Jan-2018
MIC-6130 ADVANTECH-MIC-6130 Datasheet
431Kb / 1P
3U OpenVPX PCIe/ SATA M.2 carrier
17-Jun-2019
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
MIC-6330 ADVANTECH-MIC-6330 Datasheet
643Kb / 2P
3U OpenVPX CPU Blade with Intel® Xeon® Processor E3v5 and E3v6 family
17-Jun-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com