Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTM3424/T01 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # RTM3424/T01
Description  OpenVPX™ 3U Single Board Computer with T4240
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RTM3424/T01 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  RTM3424/T01 Datasheet HTML 1Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 2Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 3Page - Elma Electronic Ltd RTM3424/T01 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Medusa VPX3424
VPX3424 Datasheet
Page 4 of 4
07-01-2014
T4240
e6500
e6500
e6500
e6500
e6500
e6500
e6500
e6500
e6500
e6500
e6500
e6500
DDR3
DDR3
DDR3
CoreNet
TM
SDHC
SERDES4
SERDES2
UART
IFC
Data
Plane
Control
Plane
Debug
Interface
eMMC
P1
P2
DDR3
x16
DDR3
x16
DDR3
x16
DDR3
x16
Utility
Plane
FPGA
P0
I
2C
Ambient
Temp.
2x PCIe x4
or
1x PCIe x8
IPMC
Core
Temp.
ETI
RTC
eSPI
FRAM
Quad PHY
User I/O
SERDES3
User I/O
SERDES1
USB
MAG
Voltage
Control
Voltage
Sense
Freq.
Control
NOR
FLASH
User FPGA
(Kintex-7)
SERDES x4
SERDES x4
CAN Controller
4 total
MEDUSA VPX3424 blockdiagram
Copyright ©2014 by AcQ Inducom, Oss, Netherlands. All rights reserved. Specifications are subject to change without notice.
Office address
Postal address
Rijnstraat 20
P.O. Box 627
5347 KN Oss
5340 AP Oss
The Netherlands
The Netherlands
Phone +31 (0)412 641922
Fax +31 (0)412 622640
E-mail: sales@acq.nl
Website: www.acq.nl



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com