Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK615N4F8AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics STK615N4F8AG Datasheet HTML 10Page - STMicroelectronics STK615N4F8AG Datasheet HTML 11Page - STMicroelectronics STK615N4F8AG Datasheet HTML 12Page - STMicroelectronics STK615N4F8AG Datasheet HTML 13Page - STMicroelectronics STK615N4F8AG Datasheet HTML 14Page - STMicroelectronics STK615N4F8AG Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
17-Jan-2023
1
Initial release.
16-Oct-2024
2
Modified title, Features, Applications and Description.
Added schematic on cover page.
Modified Section 1: Electrical ratings, Section 2: Electrical characteristics.
Added Section 2.1: Electrical characteristics (curves).
Added Section 3.1.1: PowerLeaded 8x8 marking information.
Minor text changes
08-Nov-2024
3
Document classification changed from ST restricted to public.
Modified Figure 3. Safe operating area and Figure 7. Typical on-resistance vs
gate-source voltage.
09-Jan-2025
4
Updated Figure 6. Typical transfer characteristics.
Minor text changes.
14-Mar-2025
5
Updated Figure 10. Avalanche characteristics.
STK615N4F8AG
DS14222 - Rev 5
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com